전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSC7511 데이터시트(PDF) 25 Page - Microsemi Corporation

부품명 VSC7511
상세설명  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 데이터시트(HTML) 25 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 21Page - Microsemi Corporation VSC7511 Datasheet HTML 22Page - Microsemi Corporation VSC7511 Datasheet HTML 23Page - Microsemi Corporation VSC7511 Datasheet HTML 24Page - Microsemi Corporation VSC7511 Datasheet HTML 25Page - Microsemi Corporation VSC7511 Datasheet HTML 26Page - Microsemi Corporation VSC7511 Datasheet HTML 27Page - Microsemi Corporation VSC7511 Datasheet HTML 28Page - Microsemi Corporation VSC7511 Datasheet HTML 29Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 324 page
background image
Product Overview
VMDS-10488 VSC7511 Datasheet Revision 4.2
10
Figure 3 •
Versatile Content Aware Processor
The VCAP uses a TCAM-based frame processor enabling implementation of a rich set of security
features. The flexible VCAP engine supports wire-speed frame inspection based on Layer 2-4 frame
information, including the ability to perform longest prefix matching and identifying port ranges. The
action associated with each VCAP entry (programmed into the VCAP action RAM) includes the ability to
do frame filtering, dual leaky bucket rate limitation (frame or byte based), snooping to CPU, redirection to
CPU, mirroring, 1588 time stamping, and accounting. Even though the VCAP is located in the ingress
path of the device, it possesses both ingress and egress capabilities.
The VCAP embeds powerful protocol awareness for well-known protocols such as LLC, SNAP, ARP,
IPv4, IPv6, and UDP/TCP. IPv6 is supported with full matching against both the source and the
destination IP addresses.
Each frame is looked up three times in IS2. The first lookup is a host match lookup for IPv4 and IPv6
frames enabling MAC/IP binding and IP source guarding. The key consists of information identifying the
source host: ingress port number, source MAC address, and full source IP address. The output is an
action informing the following two lookups in IS2 of whether the host is accepted into the network. The
following two lookups in IS2 construct a key based on the frame type (LLC, SNAP, ARP, IPv4, IPv6,
UDP/TCP, OAM, custom) extracting relevant information. IS2 supports up to 256 host match entries, 128
LLC, SNAP, ARP, IPv4-TCP/UDP, or OAM entries and 64 IPv6-TCP/UDP, and custom entries.
2.3.4
Policing
Each frame is subject to a number of different policing operations. The device features 192
programmable policers. The policers are split into the followings groups:
•
Queue policers: ingress port number and QoS class determine which policer to use.
•
Port policers: ingress port number determines which policer to use.
•
VCAP IS2 policers: an IS2 action can point to a policer.
The internal CPU port is the 12th port and also includes port and queue policers. The policers can
measure frame rates or bit rates.
Each frame can trigger up to three policers: a queue policer, a port policer, and a VCAP IS2 policer.
Each policer is a MEF-compliant dual leaky bucket policer supporting both color-blind and color-aware
operation. The initial frame color is derived from the drop precedence level from the frame classification.
For color-aware operation, a coupling mode is configurable for each policer.
VCAP-II Security Enforcement
IS2 Host Match Lookup
IS2 First Lookup
IS2
Classified VLAN
Custom lookup
Security profile (PAG)
Frame Data
ACL Actions:
Permit
Deny
Police
Redirect
CPU copy
Mirror
Timestamp
Classified DSCP
Key: L2-L4 frame data depending
on frame type
IS2 Second Lookup
Key: SMAC and SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com