전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSC7511 데이터시트(PDF) 99 Page - Microsemi Corporation

부품명 VSC7511
상세설명  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 데이터시트(HTML) 99 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 95Page - Microsemi Corporation VSC7511 Datasheet HTML 96Page - Microsemi Corporation VSC7511 Datasheet HTML 97Page - Microsemi Corporation VSC7511 Datasheet HTML 98Page - Microsemi Corporation VSC7511 Datasheet HTML 99Page - Microsemi Corporation VSC7511 Datasheet HTML 100Page - Microsemi Corporation VSC7511 Datasheet HTML 101Page - Microsemi Corporation VSC7511 Datasheet HTML 102Page - Microsemi Corporation VSC7511 Datasheet HTML 103Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
84
Frames with IP options (L3_OPTIONS set to 1 in key) or fragmented frames, which are not the initial
fragment (L3_FRAG_OFS_GT0 set to 1 in key), do not carry Layer-4 information. The Layer-4 fields in
the key (L4_SPORT, L4_DPORT, L4_RNG, SPORT_EQ_DPORT, SEQUENCE_EQ0, L4_FIN, L4_SYN,
L4_RST, L4_PSH, L4_ACK, L4_URG, L4_1588_DOM, and L4_1588_VERSION) are automatically set to
don’t care.
L4_SYN
168
1
TCP: TCP flag SYN.
PTP over UDP: messageType bit 2.
L4_RST
169
1
TCP: TCP flag RST.
PTP over UDP: messageType bit 3.
L4_PSH
170
1
TCP: TCP flag PSH.
PTP over UDP: flagField bit 1 (twoStepFlag).
L4_ACK
171
1
TCP: TCP flag ACK.
PTP over UDP: flagField bit 2 (unicastFlag).
L4_URG
172
1
TCP: TCP flag URG.
PTP over UDP: flagField bit 7 (reserved).
L4_1588_DOM
173
8
PTP over UDP: domainNumber.
L4_1588_VERSION
181
4
PTP over UDP: version.
Table 52 •
IS2 IP4_OTHER Key
Field Name
Bit
Width
Description
Layer-3 Information
IP4
46
1
Set if frame is IPv4 frame.
IPv6 frames can also use IP4_OTHER entries when
IP6_STD entries are disabled.
L3_FRAGMENT
47
1
Set if IP frame is fragmented (More Fragments flag=1
or Fragments Offset > 0)
L3_FRAG_OFS_GT0 48
1
Set if IP frame is fragmented and if it is not the first
fragment (Fragments Offset > 0).
L3_OPTIONS
49
1
Set if IPv4 frame contains options (IP len > 5). IP
options are not skipped nor parsed, which implies that
L3_PAYLOAD contains data from the IP options for
IPv4 frames with IP options.
L3_TTL_GT0
50
1
Set if IP TTL is greater than 0.
L3_TOS
51
8
IP TOS field.
L3_IP4_DIP
59
32
IPv4 frames: Destination IPv4 address.
IPv6 frames: Source IPv6 address, bits 63:32.
L3_IP4_SIP
91
32
IPv4 frames: Source IPv4 address.
IPv6 frames: Source IPv6 address, bit 31:0.
DIP_EQ_SIP
123
1
Set if source IP address is equal to destination IP
address. Full addresses are checked, also for IPv6.
L3_PROTO
124
8
IPv4: IP protocol.
IPv6: next header.
L3_PAYLOAD
132
56
Bytes 0-6 after IP header.
Table 51 •
IS2 IP4_TCP_UDP Key (continued)
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com