전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS32K118LAT0VLHT 데이터시트(PDF) 36 Page - NXP Semiconductors

부품명 FS32K118LAT0VLHT
상세설명  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K118LAT0VLHT 데이터시트(HTML) 36 Page - NXP Semiconductors

Back Button FS32K118LAT0VLHT Datasheet HTML 32Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 33Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 34Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 35Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 36Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 37Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 38Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 39Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
Peripheral operating requirements and behaviors
6.1 System modules
There are no electrical specifications necessary for the device's system modules.
Clock interface modules
6.2.1 External System Oscillator electrical specifications
6
6.2
Peripheral operating requirements and behaviors
S32K1xx Data Sheet, Rev. 13, 04/2020
36
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com