전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS32K118LAT0VLHT 데이터시트(PDF) 51 Page - NXP Semiconductors

부품명 FS32K118LAT0VLHT
상세설명  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K118LAT0VLHT 데이터시트(HTML) 51 Page - NXP Semiconductors

Back Button FS32K118LAT0VLHT Datasheet HTML 47Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 48Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 49Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 50Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 51Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 52Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 53Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 54Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
Table 39. QuadSPI electrical specifications
FLASH PORT
Sym
Unit
FLASH A
FLASH B
RUN1
HSRUN1
RUN/HSRUN2
QuadSPI Mode
SDR
SDR
SDR
DDR3
Internal
Sampling
Internal DQS
Internal
Sampling
Internal DQS
Internal
Sampling
External DQS
N1
PAD
Loopback
Internal
Loopback
N1
PAD
Loopback
Internal
Loopback
N1
External DQS
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Register Settings
MCR[DDR_EN]
-
0
0
0
0
0
0
0
1
MCR[DQS_EN]
-
0
1
1
0
1
1
0
1
MCR[SCLKCFG[0]]
-
-
1
0
-
1
0
-
-
MCR[SCLKCFG[1]]
-
-
1
0
-
1
0
-
-
MCR[SCLKCFG[2]]
-
-
-
-
-
-
-
-
0
MCR[SCLKCFG[3]]
-
-
-
-
-
-
-
-
0
MCR[SCLKCFG[5]]
-
0
0
0
0
0
0
0
1
SMPR[FSPHS]
-
0
1
0
0
1
0
0
0
SMPR[FSDLY]
-
0
0
0
0
0
0
0
0
SOCCR
[SOCCFG[7:0]]
-
0
23
-
0
30
-
-
SOCCR[SOCCFG[15:8]]
-
-
-
-
-
-
-
-
30
FLSHCR[TDH]
-
0x00
0x00
0x00
0x00
0x00
0x00
0x00
0x01
Timing Parameters
SCK Clock Frequency
fSCK
MHz
-
38
-
64
-
48
-
40
-
80
-
50
-
20
-
204
SCK Clock Period
tSCK
ns
-
-
-
-
-
-
50.0
-
50.04
-
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com