전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS32K118LAT0VLHT 데이터시트(PDF) 89 Page - NXP Semiconductors

부품명 FS32K118LAT0VLHT
상세설명  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K118LAT0VLHT 데이터시트(HTML) 89 Page - NXP Semiconductors

Back Button FS32K118LAT0VLHT Datasheet HTML 85Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 86Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 87Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 88Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 89Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 90Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 91Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 92Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
7.3 General notes for specifications at maximum junction
temperature
An estimation of the chip junction temperature, TJ, can be obtained from this equation:
where:
• TA = ambient temperature for the package (°C)
• RθJA = junction to ambient thermal resistance (°C/W)
• PD = power dissipation in the package (W)
The junction to ambient thermal resistance is an industry standard value that provides a
quick and easy estimation of thermal performance. Unfortunately, there are two values in
common usage: the value determined on a single layer board and the value obtained on a
board with two planes. For packages such as the PBGA, these values can be different by
a factor of two. Which value is closer to the application depends on the power dissipated
by other components on the board. The value obtained on a single layer board is
appropriate for the tightly packed printed circuit board. The value obtained on the board
with the internal planes is usually appropriate if the board has low power dissipation and
the components are well separated.
When a heat sink is used, the thermal resistance is expressed in the following equation as
the sum of a junction-to-case thermal resistance and a case-to-ambient thermal resistance:
where:
• RθJA = junction to ambient thermal resistance (°C/W)
• RθJC = junction to case thermal resistance (°C/W)
• RθCA = case to ambient thermal resistance (°C/W)
RθJC is device related and cannot be influenced by the user. The user controls the thermal
environment to change the case to ambient thermal resistance, RθCA. For instance, the
user can change the size of the heat sink, the air flow around the device, the interface
material, the mounting arrangement on printed circuit board, or change the thermal
dissipation on the printed circuit board surrounding the device.
Thermal attributes
S32K1xx Data Sheet, Rev. 13, 04/2020
NXP Semiconductors
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com