| 전자부품 데이터시트 검색엔진 |
|
CS98200 데이터시트(PDF) 22 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS98200 데이터시트(HTML) 22 Page - Cirrus Logic |
|
22 / 60 page ![]() 22 Copyright 2002 Cirrus Logic (All Rights Reserved) DS581PP2 CS98200 Next Generation DVD Processor 2.2.8 Audio Input Interface Timing Symbol Description Min Typ Max Units taicl AUDI_BCK Low Time1, 2 1.Values are guaranteed by design only 2.Active clock edge is programmable. Timing is referenced from active edge 40 50 % taich AUDI_BCK High Time1, 2 40 50 % taiper AUDI_BCK period1, 2 80 ns tlrts AUDI_LR setup time 5 - ns tsdsus AUDI_D setup time 5 - ns tsdhs AUDI_D hold time 5 - ns Table 6. Audio Input Interface Symbols and Characterization Data Figure 16. Audio Input Timings AUDI_BCK (Input) AUDI_DATA (Input) AUDI_LRCK (Input) t lrts t sdsus tsdhs t aich taicl t aiper |