| 전자부품 데이터시트 검색엔진 |
|
CS98200 데이터시트(PDF) 31 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS98200 데이터시트(HTML) 31 Page - Cirrus Logic |
|
31 / 60 page ![]() DS581PP2 Copyright 2002 Cirrus Logic (All Rights Reserved) 31 CS98200 Next Generation DVD Processor to handle the Karaoke echo-mix and pitch shift, and AC-3 down-mix functions. The audio output data is written into a DRAM FIFO in 16-, 18-, 20- or 24-bit PCM format. A flexible audio output stage can simultaneously output 8 channels of PCM data to audio DACs up to 192 KHz sample rate, plus an IEC-958 en- coded output at up to 48 KHz. The audio inter- face also includes a flexible audio input interface, which can input a wide range of pro- tocols from an audio ADC or an IEC-958 receiv- er at up to 96 KHz. |