전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2517FD 데이터시트(PDF) 12 Page - Microchip Technology

부품명 MCP2517FD
상세설명  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD 데이터시트(HTML) 12 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 8Page - Microchip Technology MCP2517FD Datasheet HTML 9Page - Microchip Technology MCP2517FD Datasheet HTML 10Page - Microchip Technology MCP2517FD Datasheet HTML 11Page - Microchip Technology MCP2517FD Datasheet HTML 12Page - Microchip Technology MCP2517FD Datasheet HTML 13Page - Microchip Technology MCP2517FD Datasheet HTML 14Page - Microchip Technology MCP2517FD Datasheet HTML 15Page - Microchip Technology MCP2517FD Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
MCP2517FD
DS20005688B-page 12
 2017-2018 Microchip Technology Inc.
104
C1FIFOCON15 31:0
same as C1FIFOCON1
108
C1FIFOSTA15
31:0
same as C1FIFOSTA1
10C
C1FIFOUA15
31:0
same as C1FIFOUA1
110
C1FIFOCON16 31:0
same as C1FIFOCON1
114
C1FIFOSTA16
31:0
same as C1FIFOSTA1
118
C1FIFOUA16
31:0
same as C1FIFOUA1
11C
C1FIFOCON17 31:0
same as C1FIFOCON1
120
C1FIFOSTA17
31:0
same as C1FIFOSTA1
124
C1FIFOUA17
31:0
same as C1FIFOUA1
128
C1FIFOCON18 31:0
same as C1FIFOCON1
12C
C1FIFOSTA18
31:0
same as C1FIFOSTA1
130
C1FIFOUA18
31:0
same as C1FIFOUA1
134
C1FIFOCON19 31:0
same as C1FIFOCON1
138
C1FIFOSTA19
31:0
same as C1FIFOSTA1
13C
C1FIFOUA19
31:0
same as C1FIFOUA1
140
C1FIFOCON20 31:0
same as C1FIFOCON1
144
C1FIFOSTA20
31:0
same as C1FIFOSTA1
148
C1FIFOUA20
31:0
same as C1FIFOUA1
14C
C1FIFOCON21 31:0
same as C1FIFOCON1
150
C1FIFOSTA21
31:0
same as C1FIFOSTA1
154
C1FIFOUA21
31:0
same as C1FIFOUA1
158
C1FIFOCON22 31:0
same as C1FIFOCON1
15C
C1FIFOSTA22
31:0
same as C1FIFOSTA1
160
C1FIFOUA22
31:0
same as C1FIFOUA1
164
C1FIFOCON23 31:0
same as C1FIFOCON1
168
C1FIFOSTA23
31:0
same as C1FIFOSTA1
16C
C1FIFOUA23
31:0
same as C1FIFOUA1
170
C1FIFOCON24 31:0
same as C1FIFOCON1
174
C1FIFOSTA24
31:0
same as C1FIFOSTA1
178
C1FIFOUA24
31:0
same as C1FIFOUA1
17C
C1FIFOCON25 31:0
same as C1FIFOCON1
180
C1FIFOSTA25
31:0
same as C1FIFOSTA1
184
C1FIFOUA25
31:0
same as C1FIFOUA1
188
C1FIFOCON26 31:0
same as C1FIFOCON1
18C
C1FIFOSTA26
31:0
same as C1FIFOSTA1
190
C1FIFOUA26
31:0
same as C1FIFOUA1
194
C1FIFOCON27 31:0
same as C1FIFOCON1
198
C1FIFOSTA27
31:0
same as C1FIFOSTA1
19C
C1FIFOUA27
31:0
same as C1FIFOUA1
1A0
C1FIFOCON28 31:0
same as C1FIFOCON1
1A4
C1FIFOSTA28
31:0
same as C1FIFOSTA1
1A8
C1FIFOUA28
31:0
same as C1FIFOUA1
1AC
C1FIFOCON29 31:0
same as C1FIFOCON1
1B0
C1FIFOSTA29
31:0
same as C1FIFOSTA1
1B4
C1FIFOUA29
31:0
same as C1FIFOUA1
1B8
C1FIFOCON30 31:0
same as C1FIFOCON1
1BC
C1FIFOSTA30
31:0
same as C1FIFOSTA1
1C0
C1FIFOUA30
31:0
same as C1FIFOUA1
1C4
C1FIFOCON31 31:0
same as C1FIFOCON1
1C8
C1FIFOSTA31
31:0
same as C1FIFOSTA1
1CC
C1FIFOUA31
31:0
same as C1FIFOUA1
TABLE 3-2:
CAN FD CONTROLLER MODULE REGISTER SUMMARY (CONTINUED)
Addr.
Name
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
Note 1:
The lower order byte of the 32-bit register resides at the low-order address.
2:
Reserved register reads 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98