전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM5030 데이터시트(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM5030
상세설명  High input Voltage Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5030 데이터시트(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5030 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PIN FUNCTION
CHRG (PIN 1):Open-Drain Charge Status Output.
When the battery is charging, the CHRG pin is pulled low by an internal N-channel MOSFET. When the charge
cycle is completed, CHRG pin will be in a high-impedance state.
GND (PIN 2): Ground.
BAT (PIN 3): Charge Current Output.
Provides charge current to the battery and regulates the final float voltage to 4.2V/4.3V/4.35V/4.4V. An internal
precision resistor divider from this pin sets the float voltage which is disconnected in shutdown mode.
VCC (PIN 4): Positive Input Supply Voltage.
Provides power to the charger, VCC can range from 4.25V to 6.5V and should be bypassed with at least a 10uF
capacitor. When VCC drops to within 30mV of the BAT pin voltage, the HM5030 enters shutdown mode,
dropping IBAT to less than 2uA.
PROG (PIN 5):Charge Current Program, Charge Current Monitor and Shutdown Pin.
The charge current is programmed by connecting a 1% resistor, RPROG, to ground. When charging in
constant-current mode, this pin servos to 1V. In all modes, the voltage on this pin can be used to measure the
charge current using the following formula:
IBAT = (VPROG/RPROG) x950.
The PROG pin can also be used to shut down the charger. Disconnecting the program resistor from ground
allows a compensated current to pull the PROG pin high. When it reaches the 1.21V shutdown threshold
voltage, the charger enters shutdown mode, charging stops and the input supply current drops to 50uA.
Reconnecting RPROG to ground will return the charger to normal operation.
HM5030



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com