전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM5030 데이터시트(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM5030
상세설명  High input Voltage Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5030 데이터시트(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5030 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HM5030 Series-High input Voltage Linear Li-Ion Battery Charger
GENERAL DESCRIPTION
The HM5030 Series is a complete constant
current & constant voltage linear charger for
single cell lithium-ion batteries. Its SOT23-5
package and low external component counts
make the HM5030 Series ideally suited for
portable applications. Furthermore, the HM5030
Series is specifically designed to work within USB
power specifications.
No external sense resistor is needed, and no
blocking diode is required due to the internal
MOSFET architecture. The charge voltage is fixed
at 4.2V/4.3V/4.35V/4.4V, and the charge current
can be programmed externally with a single
resistor. The HM5030 automatically terminates the
charge cycle when the charge current drops to
1/10 the programmed value after the final float
voltage is reached.
When the input supply (wall adapter or USB
supply) is removed, the HM5030 automatically
enters a low current state, dropping the battery
drain current to less than 2uA. The HM5030 can
be put into shutdown mode, reducing the supply
current to 50uA.
Under-voltage lockout, automatic recharge and
two status pins to indicate charge and charge
termination.
FEATURES
30V standoff input voltage at VCC pin
Programmable Charge Current Up to 600mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Complete Linear Charger in SOT23-5 Package
for single Cell Lithium-Ion Batteries
Charges Single Cell Li-Ion Batteries Directly from
USB Port
Preset 4.2V/4.3V/4.35V/4.4V Charge Voltage with
±1% Accuracy
Charge Current Monitor Output for Gas Gauging
Automatic Recharge
CC/10 Charge Termination
50uA Supply Current in Shutdown
2.9V Trickle Charge Threshold
Soft-Start Limits Inrush Current
ESD HBM 2KV
Available in SOT23-5 Package
APPLICATIONS
Cellular Telephones, PDAs, MP3 /MP4 Players
E-cigarettes
Bluetooth
GPS Applications
Figure1 .Typical Application Circuit
HM5030


유사한 부품 번호 - HM5030

제조업체부품명데이터시트상세설명
logo
Shenzhen Huazhimei Semi...
HM5031 HMSEMI-HM5031 Datasheet
779Kb / 10P
High input Voltage Linear Li-Ion Battery Charger
HM5031A HMSEMI-HM5031A Datasheet
779Kb / 10P
High input Voltage Linear Li-Ion Battery Charger
HM5031ADR HMSEMI-HM5031ADR Datasheet
1Mb / 11P
Series- High input Voltage Linear Li-Ion Battery Charger
HM5031ADRN HMSEMI-HM5031ADRN Datasheet
1Mb / 11P
Series- High input Voltage Linear Li-Ion Battery Charger
HM5031B HMSEMI-HM5031B Datasheet
779Kb / 10P
High input Voltage Linear Li-Ion Battery Charger
More results

유사한 설명 - HM5030

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
May 2, 2005
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4056F HMSEMI-HM4056F Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM4056G HMSEMI-HM4056G Datasheet
2Mb / 12P
Linear Li-Ion Battery Charger
HM5031 HMSEMI-HM5031 Datasheet
779Kb / 10P
High input Voltage Linear Li-Ion Battery Charger
HM5031DR HMSEMI-HM5031DR Datasheet
1Mb / 11P
Series- High input Voltage Linear Li-Ion Battery Charger
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
Linear Li-ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com