전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM5030 데이터시트(PDF) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM5030
상세설명  High input Voltage Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5030 데이터시트(HTML) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5030 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5030 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4.5
5.0
5.5
6.0
6.5
0
100
200
300
400
500
600
Ibat vs. Vin
Vin(V)
Rprog=1.5K
Rprog=3K
Rprog=15K
Vbat=3.8V
2.0
2.5
3.0
3.5
4.0
4.5
0
100
200
300
400
500
600
700
Ibat vs.Vbat
Vbat
Rprog=1.5k
HM5030



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com