전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM5031 데이터시트(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM5031
상세설명  High input Voltage Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5031 데이터시트(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5031 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ORDERING INFORMATION
PART NUMBER
note1)
VBAT
MARK
(note2)
HM5031A
4.2V
HM5031A YW
HM5031B
4.3V
HM5031B YW
HM5031C
4.35V
HM5031C YW
HM5031D
4.4V
HM5031D YW
Note1:In HM5031X description, X may be A or B or C or D
Note2: “YW” is manufacture date code, “Y” means the year, “W” means the week
PIN CONFIGURATION
EXPOSED
PAD
Figure 2. PIN Configuration
PIN DESCRIPTION
PIN
NUMBER
PIN
NAME
PIN DESCRIPTION
1,
NC
No Connection.
2
PROG Charge Current Program, Charge Current Monitor and Shut down Pin.
3
GND
Ground
4
VCC
Positive Input Supply Voltage.
5
BAT
Charge Current Output.
6
STDBY The completion of battery charging instructions side.
7
CHRG Open-Drain Charge Status Output.
8
CE
Chip enable input.
9
EPAD
Ground and EPAD
HM5031



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com