전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM5031 데이터시트(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM5031
상세설명  High input Voltage Linear Li-Ion Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5031 데이터시트(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5031 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5031 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
(Note: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating
conditions for long periods may affect device reliability.)
PARAMETER
VALUE
UNIT
Input Supply Voltage VCC
VSS-0.3~VSS+30
V
PROG pin Voltage Vprog、CE pin Voltage Ven
VSS-0.3~10
V
BAT pin Voltage Vbat
VSS-0.3~11
V
CHRG、STDBY pin Voltage Vchrg
VSS-0.3~10
V
BAT pin Current bat
1.4
A
PROG pin Current Iprog
1.4
mA
Operating Ambient Temperature
-40 to 85
°C
Maximum Junction Temperature
150
°C
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
260
°C
ELECTRICAL CHARACTERISTICS
(VCC = 5.0V,Vbat=3.5V TA= 25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage Tolerance
4.25
26
V
Input over Voltage protection
VOVP
6.8
V
The Hysteresis Voltage of
VOVP
0.4
V
Input Voltage Range
4.25
6
V
Input supply current
Icc
Charge mode, RPROG =10K
350
2000 uA
Standby mode, Vbat=4.3V
150
500
uA
Shutdown mode(Vcc<Vbat or
Vcc<Vuv)
50
200
uA
BAT pin Current
Ibat
RPROG =200k,Current mode
4
5
6
mA
RPROG =100k,Current mode
8
9.5
11
mA
RPROG =10k,Current mode
85
95
105
mA
RPROG =2k,Current mode
425
475
525
mA
RPROG =1k,Current mode
850
950 1050 mA
Standby mode, Vbat=4.3V
0
-2.5
-6
uA
Shutdown mode
1
2.5
uA
Sleep mode, Vcc=0V
0.3
2.5
uA
HM5031



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com