전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640P30T85 데이터시트(PDF) 65 Page - Intel Corporation

부품명 JS28F640P30T85
상세설명  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 데이터시트(HTML) 65 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 61Page - Intel Corporation JS28F640P30T85 Datasheet HTML 62Page - Intel Corporation JS28F640P30T85 Datasheet HTML 63Page - Intel Corporation JS28F640P30T85 Datasheet HTML 64Page - Intel Corporation JS28F640P30T85 Datasheet HTML 65Page - Intel Corporation JS28F640P30T85 Datasheet HTML 66Page - Intel Corporation JS28F640P30T85 Datasheet HTML 67Page - Intel Corporation JS28F640P30T85 Datasheet HTML 68Page - Intel Corporation JS28F640P30T85 Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
65
Two basic sequences repeat in this phase: loading of the write buffer, followed by buffer data
programming to the array. For BEFP, the count value for buffer loading is always the maximum
buffer size of 32 words. During the buffer-loading sequence, data is stored to sequential buffer
locations starting at address 0x00. Programming of the buffer contents to the flash memory array
starts as soon as the buffer is full. If the number of words is less than 32, the remaining buffer
locations must be filled with 0xFFFF.
Caution:
The buffer must be completely filled for programming to occur. Supplying an address outside of the
current block's range during a buffer-fill sequence causes the algorithm to exit immediately. Any
data previously loaded into the buffer during the fill cycle is not programmed into the array.
The starting address for data entry must be buffer size aligned, if not the BEFP algorithm will be
aborted and the program fails and (SR[4]) flag will be set.
Data words from the write buffer are directed to sequential memory locations in the flash memory
array; programming continues from where the previous buffer sequence ended. The host
programming system must poll SR[0] to determine when the buffer program sequence completes.
SR[0] cleared indicates that all buffer data has been transferred to the flash array; SR[0] set
indicates that the buffer is not available yet for the next fill cycle. The host system may check full
status for errors at any time, but it is only necessary on a block basis after BEFP exit. After the
buffer fill cycle, no write cycles should be issued to the device until SR[0] = 0 and the device is
ready for the next buffer fill.
Note:
Any spurious writes are ignored after a buffer fill operation and when internal program is
proceeding.
The host programming system continues the BEFP algorithm by providing the next group of data
words to be written to the buffer. Alternatively, it can terminate this phase by changing the block
address to one outside of the current block’s range.
The Program/Verify phase concludes when the programmer writes to a different block address;
data supplied must be 0xFFFF. Upon Program/Verify phase completion, the device enters the
BEFP Exit phase.
11.3.4
BEFP Exit Phase
When SR[7] is set, the device has returned to normal operating conditions. A full status check
should be performed at this time to ensure the entire block programmed successfully. When exiting
the BEFP algorithm with a block address change, the read mode will not change. After BEFP exit,
any valid command can be issued to the device.
11.4
Program Suspend
Issuing the Program Suspend command while programming suspends the programming operation.
This allows data to be accessed from the device other than the one being programmed. The
Program Suspend command can be issued to any device address. A program operation can be
suspended to perform reads only. Additionally, a program operation that is running during an erase
suspend can be suspended to perform a read operation (see Figure 41, “Program Suspend/Resume
Flowchart” on page 86).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com