전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640P30T85 데이터시트(PDF) 58 Page - Intel Corporation

부품명 JS28F640P30T85
상세설명  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 데이터시트(HTML) 58 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 54Page - Intel Corporation JS28F640P30T85 Datasheet HTML 55Page - Intel Corporation JS28F640P30T85 Datasheet HTML 56Page - Intel Corporation JS28F640P30T85 Datasheet HTML 57Page - Intel Corporation JS28F640P30T85 Datasheet HTML 58Page - Intel Corporation JS28F640P30T85 Datasheet HTML 59Page - Intel Corporation JS28F640P30T85 Datasheet HTML 60Page - Intel Corporation JS28F640P30T85 Datasheet HTML 61Page - Intel Corporation JS28F640P30T85 Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
58
Order Number: 306666, Revision: 001
10.3.4
Data Hold
For burst read operations, the Data Hold (DH) bit determines whether the data output remains valid
on DQ[15:0] for one or two clock cycles. This period of time is called the “data cycle”. When DH
is set, output data is held for two clocks (default). When DH is cleared, output data is held for one
clock (see Figure 30). The processor’s data setup time and the flash memory’s clock-to-data output
delay should be considered when determining whether to hold output data for one or two clocks. A
method for determining the Data Hold configuration is shown below:
To set the device at one clock data hold for subsequent reads, the following condition must be
satisfied:
tCHQV (ns) + tDATA (ns) ≤ One CLK Period (ns)
tDATA = Data set up to Clock (defined by CPU)
For example, with a clock frequency of 40 MHz, the clock period is 25 ns. Assuming
tCHQV = 20 ns and tDATA = 4 ns. Applying these values to the formula above:
20 ns + 4 ns
≤ 25 ns
The equation is satisfied and data will be available at every clock period with data hold setting at
one clock. If tCHQV (ns) + tDATA (ns) > One CLK Period (ns), data hold setting of 2 clock periods
must be used.
Table 24.
WAIT Functionality Table
Condition
WAIT
Notes
CE# = ‘1’, OE# = ‘X’ or CE# = ‘0’, OE# = ‘1’
High-Z
1
CE# =’0’, OE# = ‘0’
Active
1
Synchronous Array Reads
Active
1
Synchronous Non-Array Reads
Active
1
All Asynchronous Reads
Deasserted
1
All Writes
High-Z
1,2
Notes:
1.
Active:
WAIT is asserted until data becomes valid, then deasserts
2.
When OE# = VIH during writes, WAIT = High-Z
Figure 30.
Data Hold Timing
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
CLK [C]
D[15:0] [Q]
D[15:0] [Q]
2 CLK
Data Hold
1 CLK
Data Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com