전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640P30T85 데이터시트(PDF) 96 Page - Intel Corporation

부품명 JS28F640P30T85
상세설명  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30T85 데이터시트(HTML) 96 Page - Intel Corporation

Back Button JS28F640P30T85 Datasheet HTML 92Page - Intel Corporation JS28F640P30T85 Datasheet HTML 93Page - Intel Corporation JS28F640P30T85 Datasheet HTML 94Page - Intel Corporation JS28F640P30T85 Datasheet HTML 95Page - Intel Corporation JS28F640P30T85 Datasheet HTML 96Page - Intel Corporation JS28F640P30T85 Datasheet HTML 97Page - Intel Corporation JS28F640P30T85 Datasheet HTML 98Page - Intel Corporation JS28F640P30T85 Datasheet HTML 99Page - Intel Corporation JS28F640P30T85 Datasheet HTML 100Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
96
Order Number: 306666, Revision: 001
C.4
Device Geometry Definition
Table 36.
Device Geometry Definition
Offset
Length
Description
Code
27h
1
“n” such that device size = 2
n in number of bytes
27:
See table below
76
54
3
2
1
0
28h
2
—
—
—
—
x64
x32
x16
x8
28:
--01
x16
15
14
13
12
11
10
9
8
——
———
——
—
29:
--00
2Ah
2
“n” such that maximum number of bytes in write buffer = 2
n
2A:
--06
64
2B:
--00
2Ch
1
2C:
2Dh
4
Erase Block Region 1 Information
2D:
bits 0–15 = y, y+1 = number of identical-size erase blocks
2E:
bits 16–31 = z, region erase block(s) size are z x 256 bytes
2F:
30:
31h
4
Erase Block Region 2 Information
31:
bits 0–15 = y, y+1 = number of identical-size erase blocks
32:
bits 16–31 = z, region erase block(s) size are z x 256 bytes
33:
34:
35h
4
Reserved for future erase block region information
35:
36:
37:
38:
See table below
See table below
See table below
See table below
Flash device interface code assignment:
"n" such that n+1 specifies the bit field that represents the flash
device width capabilities as described in the table:
Number of erase block regions (x) within device:
1. x = 0 means no erase blocking; the device erases in bulk
2. x specifies the number of device regions with one or
more contiguous same-size erase blocks.
3. Symmetrically blocked partitions have one blocking region
A ddress
64-Mbit
–B
–T
–B
–T
–B
–T
27:
--17
--17
--18
--18
--19
--19
28:
--01
--01
--01
--01
--01
--01
29:
--00
--00
--00
--00
--00
--00
2A :
--06
--06
--06
--06
--06
--06
2B:
--00
--00
--00
--00
--00
--00
2C:
--02
--02
--02
--02
--02
--02
2D:
--03
--3E
--03
--7E
--03
--FE
2E:
--00
--00
--00
--00
--00
--00
2F:
--80
--00
--80
--00
--80
--00
30:
--00
--02
--00
--02
--00
--02
31:
--3E
--03
--7E
--03
--FE
--03
32:
--00
--00
--00
--00
--00
--00
33:
--00
--80
--00
--80
--00
--80
34:
--02
--00
--02
--00
--02
--00
35:
--00
--00
--00
--00
--00
--00
36:
--00
--00
--00
--00
--00
--00
37:
--00
--00
--00
--00
--00
--00
38:
--00
--00
--00
--00
--00
--00
128-Mbit
256-Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com