전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTP53X2 데이터시트(PDF) 69 Page - NXP Semiconductors

부품명 NTP53X2
상세설명  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 데이터시트(HTML) 69 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 65Page - NXP Semiconductors NTP53X2 Datasheet HTML 66Page - NXP Semiconductors NTP53X2 Datasheet HTML 67Page - NXP Semiconductors NTP53X2 Datasheet HTML 68Page - NXP Semiconductors NTP53X2 Datasheet HTML 69Page - NXP Semiconductors NTP53X2 Datasheet HTML 70Page - NXP Semiconductors NTP53X2 Datasheet HTML 71Page - NXP Semiconductors NTP53X2 Datasheet HTML 72Page - NXP Semiconductors NTP53X2 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
69 / 133
Table 127. SET PASSWORD response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
Remark: If the IC receives an invalid password, it will not execute any following
command until a Power-On Reset (POR) (NFC reset) is executed.
8.2.3.3.3 WRITE PASSWORD
Command code = B4h
The WRITE PASSWORD command enables a new password to be written into
the related memory if the related old password has already been transmitted with
a SET PASSWORD command and the addressed password is not locked (see
Section 8.2.3.3.4).
Remark: The WRITE PASSWORD command can only be executed in addressed or
SELECTED mode. The new password takes effect immediately which means that the
new password has to be transmitted with the SET PASSWORD command to access
protected blocks/pages.
The different passwords are addressed with the password identifier as defined in
Table 125.
The timing of the command is write-alike.
Option_flag = 0b and Option_flag = 1b is supported and is in accordance with ISO/IEC
15693 write-alike commands.
Table 128. WRITE PASSWORD request format
Flags
WRITE
PASSWORD
Manuf. code
UID
Password
identifier
Password
CRC16
8 bits
8 bits
8 bits
64 bits
(optional)
8 bits
32 bits
16 bits
Table 129. WRITE PASSWORD response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits
Table 130. WRITE PASSWORD response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
8.2.3.3.4 LOCK PASSWORD
Command code = B5h
The LOCK PASSWORD command enables the addressed password to be locked if the
related password has already been transmitted with a SET PASSWORD command. A
locked password cannot be changed.
The different passwords are addressed with the password identifier (see Table 125).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More