전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTP53X2 데이터시트(PDF) 112 Page - NXP Semiconductors

부품명 NTP53X2
상세설명  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 데이터시트(HTML) 112 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 108Page - NXP Semiconductors NTP53X2 Datasheet HTML 109Page - NXP Semiconductors NTP53X2 Datasheet HTML 110Page - NXP Semiconductors NTP53X2 Datasheet HTML 111Page - NXP Semiconductors NTP53X2 Datasheet HTML 112Page - NXP Semiconductors NTP53X2 Datasheet HTML 113Page - NXP Semiconductors NTP53X2 Datasheet HTML 114Page - NXP Semiconductors NTP53X2 Datasheet HTML 115Page - NXP Semiconductors NTP53X2 Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
112 / 133
This signature can be retrieved using the READ_SIGNATURE command or with
the READ CONFIG command and can be verified in the NFC device by using the
corresponding ECC public key provided by NXP. In case the NXP public key is stored
in the reader device, the complete signature verification procedure can be performed
offline.
To verify the signature (for example with the use of the public domain crypto library
OpenSSL) the tool domain parameters shall be set to secp128r1, defined within the
standards for elliptic curve cryptography SEC.
NTAG 5 link provides the possibility to customize the originality signature to personalize
the IC individually for specific application. At delivery, the NTAG 5 link is pre-programmed
with the NXP originality signature described above. This signature is unlocked in the
dedicated memory. If needed, the signature can be reprogrammed with a custom-specific
signature using the WRITE CONFIG command during the personalization process by
the customer. The signature can be permanently locked afterwards by setting the Config
Header to “locked” with the WRITE CONFIG command to avoid further modifications.
In any case, it is recommended to permanently lock the originality signature during the
initialization process by setting the Config Header to lock with the WRITE CONFIG
command.
How to use and verify Originality Signature in applications is described in AN11350.
How to generate Originality Signature is described in AN11859.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More