전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS9C25512M2018L 데이터시트(PDF) 15 Page - Alliance Semiconductor Corporation

부품명 AS9C25512M2018L
상세설명  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALSC [Alliance Semiconductor Corporation]
홈페이지  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L 데이터시트(HTML) 15 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L Datasheet HTML 11Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 12Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 13Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 14Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 15Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 16Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 17Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 18Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 19Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 15 of 30
®
Timing waveform of address counter[6]
Notes:
1. Both Flow-through and Pipeline Outputs indicated. A particular port is configured in Flow-through mode if PL/FT for that port is driven low,
and in Pipeline mode if PL/FT is driven high or left unconnected.
2. Parameters tCYC,tCH and tCL are different in Flow-through and Pipeline modes of operation (Refer AC Timing characteristics).
3. CE is an internal signal. CE = H implies 'Chip is Deselected' (CE0 = H or CE1 =L), CE = L implies 'Chip is Selected' (CE0 = L and CE1 =H).
Timings indicated for CE hold good for CE0 and CE1.
4. These cycles indicate that Counter works independent of all memory controls including R/W,CE and BEn.
5. If a Hold operation is performed for a Read access, the Data-out is held valid for the subsequent clock cycle also.
6. All timings are similar for both ports.
CLK
CE[3]
R/W
[Pipeline Mode]
DATA OUT[1]
[Flow-through Mode]
tCEH
tCES
tCYC[2]
tCL
tCH
Write
(
A1)
DATA OUT[1]
Incr
A1
ADDRESS
A1
A1+1
A1+2
A1+2
A1+1
A1+2
A1+2
A2
A2+1
A2+1
A2
A1
D1
D1+1
D1+2
D1+2
Q1
Q1+1
Q3
Q4
Q1
Q1+1
Q4
DATA IN
RPT
INC
ADS
ADDRESS
INTERNAL
Hold
Rept
tWH
tWS
tAS
tAH
tADSS
tADSH
tINCS
tINCH
tRPTS
tRPTH
tDS
tDH
tHZCF
tOHF
tCDF
tLZCF
tLZCP
tCDP
tOHP
tHZCP
A2
Q1+2
Q1+2
Don’t care
Undefined
[4]
[5]
[5]
Load
Incr
Write
Write
Write
Read
Read
Read
Read
Incr
Incr
Hold
Load
(
A2)
Dsel
Dsel
Dsel
Dsel
Rept
Hold
Incr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com