전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS9C25512M2018L 데이터시트(PDF) 24 Page - Alliance Semiconductor Corporation

부품명 AS9C25512M2018L
상세설명  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALSC [Alliance Semiconductor Corporation]
홈페이지  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L 데이터시트(HTML) 24 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L Datasheet HTML 20Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 21Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 22Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 23Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 24Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 25Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 26Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 27Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 28Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 24 of 30
®
TAP AC electrical characteristics[2]
Notes:
1. tJCS and tJCH refer to the setup and hold time requirements of latching data from the boundary scan register.
2. Test conditions are specified using the load in the figure TAP AC output load equivalent.
TAP AC test conditions & output load equivalent
TAP DC electrical characteristics and operating conditions (VDD=2.5V ± 100 mV)
Description
Symbol
Min
Max
Units
Clock
Clock cycle time
tJCYC
100
-
ns
Clock frequency
fJTAG
-
10
MHz
Clock high time
tJCH
40
-
ns
Clock low time
tJCL
40
-
ns
Output Times
TCK low to TDO unknown
tJOH
0
-
ns
TCK low to TDO valid
tJCD
-20
ns
Setup Times
TMS/TDI setup
tJIS
10
-
ns
Capture setup
tJCS[1]
10
-
ns
Hold Times
TMS/TDI hold
tJIH
10
-
ns
Capture hold
tJCH[1]
10
-
ns
Reset Times
JTAG Reset
tJRS
50
-
ns
JTAG Reset Recovery
tJRR
50
-
ns
Description
Symbol
Conditions
Min
Max
Units
Input high (logic 1) voltage
VIH
1.7
VDD + 0.3
V
Input low (logic 0) voltage
VIL
-0.3
0.7
V
Input leakage current
|ILI|
VDD = Max; 0V < VIN < VDD
0
10
µA
Output leakage current
|ILO|
Outputs disabled, 0V < VOUT < VDDQ (DQx)0
10
µA
Output low voltage
VOLC
IOLC = 100µA
0.2
V
Output low voltage
VOLT
IOLT = 2mA
0.7
V
Output high voltage
VOHC
IOHC = -100µA
2.1
V
Output high voltage
VOHT
IOHT = -2mA
1.7
V
TDO
50
Ω
ZO=50Ω
1.25V
20pF
Input pulse levels
Vss to 2.5V
Input rise and fall times
1V/ns
Input timing reference levels
1.25V
Output reference levels
1.25V
Test load termination supply voltage
1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com