전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F722VCI6TR 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 STM32F722VCI6TR
상세설명  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCI6TR 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button STM32F722VCI6TR Datasheet HTML 60Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 61Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 62Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 63Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 64Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 65Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 66Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 67Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 229 page
background image
-
-
10
E2
16
-
-
E2
C3
10
16
PF0
I/O
FTf
-
I2C2_SDA, FMC_A0,
EVENTOUT
-
-
-
11
H3
17
-
-
H3
C4
11
17
PF1
I/O
FTf
-
I2C2_SCL, FMC_A1,
EVENTOUT
-
-
-
12
H2
18
-
-
H2
D4
12
18
PF2
I/O
FT
-
I2C2_SMBA, FMC_A2,
EVENTOUT
-
-
-
13
J2
19
-
-
J2
E2
13
19
PF3
I/O
FT
-
FMC_A3, EVENTOUT
ADC3_IN9
-
-
14
J3
20
-
-
J3
E3
14
20
PF4
I/O
FT
-
FMC_A4, EVENTOUT
ADC3_IN14
-
-
15
K3
21
-
-
K3
E4
15
21
PF5
I/O
FT
-
FMC_A5, EVENTOUT
ADC3_IN15
-
10
16
G2
22
10
F9
G2
D21622
VSS
S
-
-
-
-
-
11
17
G3
23
11
F10
G3
D3
17
23
VDD
S
-
-
-
-
-
-
18
K2
24
-
-
K2
F3
18
24
PF6
I/O
FT
-
TIM10_CH1, SPI5_NSS,
SAI1_SD_B, UART7_RX,
QUADSPI_BK1_IO3,
EVENTOUT
ADC3_IN4
-
-
19
K1
25
-
-
K1
F2
19
25
PF7
I/O
FT
-
TIM11_CH1, SPI5_SCK,
SAI1_MCLK_B, UART7_TX,
QUADSPI_BK1_IO2,
EVENTOUT
ADC3_IN5
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More