전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F722VCI6TR 데이터시트(PDF) 79 Page - STMicroelectronics

부품명 STM32F722VCI6TR
상세설명  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCI6TR 데이터시트(HTML) 79 Page - STMicroelectronics

Back Button STM32F722VCI6TR Datasheet HTML 75Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 76Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 77Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 78Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 79Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 80Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 81Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 82Page - STMicroelectronics STM32F722VCI6TR Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 229 page
background image
54
83
116 D12 144
83
E5
D12
E9
116 144
PD2
I/O
FT
-
TRACED2, TIM3_ETR,
UART5_RX, SDMMC1_CMD,
EVENTOUT
-
-
84
117 D11 145
84
C6
D11
D9
117 145
PD3
I/O
FT
-
SPI2_SCK/I2S2_CK,
USART2_CTS, FMC_CLK,
EVENTOUT
-
-
85
118 D10 146
85
B6
D10
C9
118 146
PD4
I/O
FT
-
USART2_RTS, FMC_NOE,
EVENTOUT
-
-
86
119 C11 147
86
A5
C11
B9
119 147
PD5
I/O
FT
-
USART2_TX, FMC_NWE,
EVENTOUT
-
-
-
120
D8
148
-
-
D8
E7
120 148
VSS
S
-
-
-
-
-
-
121
C8
149
-
-
C8
F7
121 149
VDDSDMMC
S
-
-
-
-
-
87
122 B11 150
87
D6
B11
A8
122 150
PD6
I/O
FT
-
SPI3_MOSI/I2S3_SD,
SAI1_SD_A, USART2_RX,
SDMMC2_CK, FMC_NWAIT,
EVENTOUT
-
-
88
123 A11 151
88
E6
A11
A9
123 151
PD7
I/O
FT
-
USART2_CK SDMMC2_CMD,
FMC_NE1, EVENTOUT
-
-
-
124 C10 152
-
-
C10
E8
124 152
PG9
I/O
FT
-
USART6_RX,
QUADSPI_BK2_IO2,
SAI2_FS_B, SDMMC2_D0,
FMC_NE2/FMC_NCE,
EVENTOUT
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More