| 전자부품 데이터시트 검색엔진 |
|
STM32F722VCI6TR 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722VCI6TR 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 229 page ![]() Functional overview STM32F722xx STM32F723xx 34/229 DS11853 Rev 6 Figure 12. Regulator OFF The following conditions must be respected: • VDD should always be higher than VCAP_1 and VCAP_2 to avoid current injection between power domains. • If the time for VCAP_1 and VCAP_2 to reach V12 minimum value is faster than the time for VDD to reach 1.7 V, then PA0 should be kept low to cover both conditions: until VCAP_1 and VCAP_2 reach V12 minimum value and until VDD reaches 1.7 V (see Figure 13). • Otherwise, if the time for VCAP_1 and VCAP_2 to reach V12 minimum value is slower than the time for VDD to reach 1.7 V, then PA0 could be asserted low externally (see Figure 14). • If VCAP_1 and VCAP_2 go below V12 minimum value and VDD is higher than 1.7 V, then a reset must be asserted on PA0 pin. Note: The minimum value of V12 depends on the maximum frequency targeted in the application. Note: On the LQFP64 pin package, the VCAP_2 is not available. ai18498V3 BYPASS_REG VCAP_1 VCAP_2 PA0 V12 VDD NRST VDD Application reset signal (optional) External VCAP_1/2 power supply supervisor Ext. reset controller active when VCAP_1/2 < Min V12 V12 |