전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F723VCK7TR 데이터시트(PDF) 67 Page - STMicroelectronics

부품명 STM32F723VCK7TR
상세설명  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723VCK7TR 데이터시트(HTML) 67 Page - STMicroelectronics

Back Button STM32F723VCK7TR Datasheet HTML 63Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 64Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 65Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 66Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 67Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 68Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 69Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 70Page - STMicroelectronics STM32F723VCK7TR Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 229 page
background image
15
23
35
N2
41
23
J8
N2
K2
35
41
PA1
I/O
FT
-
TIM2_CH2, TIM5_CH2,
USART2_RTS, UART4_RX,
QUADSPI_BK1_IO3,
SAI2_MCK_B, EVENTOUT
ADC1_IN1,
ADC2_IN1,
ADC3_IN1
16
24
36
P2
42
24
H8
P2
L2
36
42
PA2
I/O
FT
-
TIM2_CH3, TIM5_CH3,
TIM9_CH1, USART2_TX,
SAI2_SCK_B, EVENTOUT
ADC1_IN2,
ADC2_IN2,
ADC3_IN2,
WKUP2
--
-
F4
43
-
-
F4
-
-
43
PH2
I/O
FT
-
LPTIM1_IN2,
QUADSPI_BK2_IO0,
SAI2_SCK_B, FMC_SDCKE0,
EVENTOUT
-
--
-
G4
44
-
-
G4
-
-
44
PH3
I/O
FT
-
QUADSPI_BK2_IO1,
SAI2_MCK_B, FMC_SDNE0,
EVENTOUT
-
--
-
H4
45
-
-
H4
-
-
45
PH4
I/O
FTf (4)
I2C2_SCL, OTG_HS_ULPI_NXT,
EVENTOUT
-
--
-
J4
46
-
-
J4
-
-
46
PH5
I/O
FTf
-
I2C2_SDA, SPI5_NSS,
FMC_SDNWE, EVENTOUT
-
17
25
37
R2
47
25
H7
R2
M2
37
47
PA3
I/O
FT
(4)
TIM2_CH4, TIM5_CH4,
TIM9_CH2, USART2_RX,
OTG_HS_ULPI_D0, EVENTOUT
ADC1_IN3,
ADC2_IN3,
ADC3_IN3
18
26
38
-
-
26
K8
-
G4
38
-
VSS
S
-
-
-
-
-
-
-
L4
48
-
-
L4
H5
-
48
BYPASS_REG
I
FT
-
-
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More