| 전자부품 데이터시트 검색엔진 |
|
STM32F723VCK7TR 데이터시트(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F723VCK7TR 데이터시트(HTML) 74 Page - STMicroelectronics |
|
74 / 229 page ![]() - 58 80 N14 99 58 F3 N14 H9 82 101 PD11 I/O FT - USART3_CTS, QUADSPI_BK1_IO0, SAI2_SD_A, FMC_A16/FMC_CLE, EVENTOUT - - 59 81 N13 100 59 F2 N13 L10 83 102 PD12 I/O FT - TIM4_CH1, LPTIM1_IN1, USART3_RTS, QUADSPI_BK1_IO1, SAI2_FS_A, FMC_A17/FMC_ALE, EVENTOUT - - 60 82 M15 101 60 E3 M15 K10 84 103 PD13 I/O FT - TIM4_CH2, LPTIM1_OUT, QUADSPI_BK1_IO3, SAI2_SCK_A, FMC_A18, EVENTOUT - - - 83 - 102 - - - G8 85 104 VSS S - - - - - - 84 J13 103 - - J13 F8 86 105 VDD S - - - - - 61 85 M14 104 61 F1 M14 K11 87 106 PD14 I/O FT - TIM4_CH3, UART8_CTS, FMC_D0, EVENTOUT - - 62 86 L14 105 62 E2 L14 K12 88 107 PD15 I/O FT - TIM4_CH4, UART8_RTS, FMC_D1, EVENTOUT - - - 87 L15 106 - - L15 J12 89 108 PG2 I/O FT - FMC_A12, EVENTOUT - - - 88 K15 107 - - K15 J11 90 109 PG3 I/O FT - FMC_A13, EVENTOUT - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |