| 전자부품 데이터시트 검색엔진 |
|
STM32F723VCK7TR 데이터시트(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F723VCK7TR 데이터시트(HTML) 79 Page - STMicroelectronics |
|
79 / 229 page ![]() 54 83 116 D12 144 83 E5 D12 E9 116 144 PD2 I/O FT - TRACED2, TIM3_ETR, UART5_RX, SDMMC1_CMD, EVENTOUT - - 84 117 D11 145 84 C6 D11 D9 117 145 PD3 I/O FT - SPI2_SCK/I2S2_CK, USART2_CTS, FMC_CLK, EVENTOUT - - 85 118 D10 146 85 B6 D10 C9 118 146 PD4 I/O FT - USART2_RTS, FMC_NOE, EVENTOUT - - 86 119 C11 147 86 A5 C11 B9 119 147 PD5 I/O FT - USART2_TX, FMC_NWE, EVENTOUT - - - 120 D8 148 - - D8 E7 120 148 VSS S - - - - - - 121 C8 149 - - C8 F7 121 149 VDDSDMMC S - - - - - 87 122 B11 150 87 D6 B11 A8 122 150 PD6 I/O FT - SPI3_MOSI/I2S3_SD, SAI1_SD_A, USART2_RX, SDMMC2_CK, FMC_NWAIT, EVENTOUT - - 88 123 A11 151 88 E6 A11 A9 123 151 PD7 I/O FT - USART2_CK SDMMC2_CMD, FMC_NE1, EVENTOUT - - - 124 C10 152 - - C10 E8 124 152 PG9 I/O FT - USART6_RX, QUADSPI_BK2_IO2, SAI2_FS_B, SDMMC2_D0, FMC_NE2/FMC_NCE, EVENTOUT - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |