| 전자부품 데이터시트 검색엔진 |
|
PFS154 데이터시트(PDF) 71 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PFS154 데이터시트(HTML) 71 Page - PADAUK Technology. |
|
71 / 91 page ![]() PFS154 8bit MTP Type IO Controller ©Copyright 2020, PADAUK Technology Co. Ltd Page 71 of 91 PDK-DS-PFS154_CN_V105 –Jun. 9, 2020 7. Instructions Symbol Description ACC Accumulator ( Abbreviation of accumulator ) a Accumulator ( Symbol of accumulator in program ) sp Stack pointer flag ACC status flag register I Immediate data & Logical AND | Logical OR ← Movement ^ Exclusive logic OR + Add - Subtraction 〜 NOT (logical complement, 1’s complement) 〒 NEG (2’s complement) OV Overflow (The operational result is out of range in signed 2’s complement number system) Z Zero (If the result of ALU operation is zero, this bit is set to 1) C Carry (The operational result is to have carry out for addition or to borrow carry for subtraction in unsigned number system) AC Auxiliary Carry (If there is a carry out from low nibble after the result of ALU operation, this bit is set to 1) IO.n BIT of IO M.n, Bit of Memory |