| 전자부품 데이터시트 검색엔진 |
|
IIS3DHHCTR 데이터시트(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IIS3DHHCTR 데이터시트(HTML) 23 Page - STMicroelectronics |
|
23 / 30 page ![]() 7.12 FIFO_SRC (2Fh) FIFO status register Table 25. FIFO_SRC register FTH OVRN FSS5 FSS4 FSS3 FSS2 FSS1 FSS0 FTH FIFO threshold status. (0: FIFO filling is lower than threshold level; 1: FIFO filling is equal to or higher than the threshold level OVRN FIFO overrun status. (0: FIFO is not completely filled; 1: FIFO is completely filled and at least one sample has been overwritten) For further details refer to Table 26. FIFO_SRC example: OVR/FSS details. FSS [5:0] Number of unread samples stored in FIFO. (000000: FIFO empty; 100000: FIFO full, 32 unread samples) For further details refer to Table 26. FIFO_SRC example: OVR/FSS details. Table 26. FIFO_SRC example: OVR/FSS details FTH OVRN FSS5 FSS4 FSS3 FSS2 FSS1 FSS0 Description 0 0 0 0 0 0 0 0 FIFO empty -- (1) 0 0 0 0 0 0 1 1 unread sample ... --(1) 0 1 0 0 0 0 0 32 unread samples 0(1) 1 1 0 0 0 0 0 At least one sample has been overwritten 1. When the number of unread samples in FIFO is equal to or greater than the threshold level set in register FIFO_CTRL (2Eh), the FTH value is ‘1’. The FSS is the FIFO stored data level of the unread samples. When it is equal to FTH, all data available in FIFO are read without additional read operations. The INT output is high when the number of samples to read is equal to or greater than FTH. Figure 16. Continuous mode: FTH/FSS details IIS3DHHC FIFO_SRC (2Fh) DS12292 - Rev 3 page 23/30 |