전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MKP385E44740API2W0 데이터시트(PDF) 8 Page - Vishay Siliconix

부품명 MKP385E44740API2W0
상세설명  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E44740API2W0 데이터시트(HTML) 8 Page - Vishay Siliconix

Back Button MKP385E44740API2W0 Datasheet HTML 4Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 5Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 6Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 7Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 8Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 9Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 10Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 11Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
8
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1250
URAC = 450 V, Up-p = 1250 V, C-TOL. = ± 10 %
0.0082
7.0 x 13.5 x 17.5
15
-
670
5.5
0.8
-
320
-
25
-
28212KF[1]2[2]0
0.010
6.7
0.9
-
263
-
25
-
31012KF[1]2[2]0
0.012
8.0
1.0
-
219
-
25
-
31212KF[1]2[2]0
0.015
10.1
1.1
-
175
-
25
-
31512KF[1]2[2]0
0.018
12.1
1.2
-
146
-
25
-
31812KF[1]2[2]0
0.022
8.5 x 15.0 x 17.5
14.7
1.4
-
119
-
25
-
32212KF[1]2[2]0
0.027
18.1
1.4
-
117
-
30
-
32712KF[1]2[2]0
0.033
22.1
1.6
-
95
-
30
-
33312KF[1]2[2]0
0.039
10.0 x 16.5 x 17.5
26.1
1.9
-
81
-
30
-
33912KF[1]2[2]0
0.047
31.5
2.1
-
67
-
30
-
34712KF[1]2[2]0
0.056
10.5 x 17.5 x 18.0
37.5
2.2
-
66
-
35
-
35612KF[1]2[2]0
0.068
11.0 x 18.5 x 18.0
45.6
2.5
-
54
-
35
-
36812KF[1]2[2]0
0.047
8.5 x 18.0 x 26.0
22.5
-
600
28.2
2.1
-
67
-
30
-
34712KI[1]2[2]0
0.056
33.6
2.1
-
66
-
35
-
35612KI[1]2[2]0
0.068
40.8
2.4
-
54
-
35
-
36812KI[1]2[2]0
0.082
10.0 x 19.5 x 26.0
49.2
2.5
-
58
-
45
-
38212KI[1]2[2]0
0.10
60.0
2.7
-
47
-
45
-
41012KI[1]2[2]0
0.12
12.0 x 22.0 x 26.0
72.0
3.2
-
39
-
45
-
41212KI[1]2[2]0
0.15
90.0
3.6
-
32
-
45
-
41512KI[1]2[2]0
0.18
12.5 x 22.5 x 26.5
108.0
4.1
-
26
-
45
-
41812KI[1]2[2]0
0.10
9.0 x 19.0 x 31.0
27.5
-
370
37.0
2.6
-
47
-
45
-
41012KK[1]2[2]0
0.12
11.0 x 21.0 x 31.0
44.4
3.1
-
39
-
45
-
41212KK[1]2[2]0
0.15
55.5
3.4
-
32
-
45
-
41512KK[1]2[2]0
0.18
13.0 x 23.0 x 31.0
66.6
4.0
-
26
-
45
-
41812KK[1]2[2]0
0.22
81.4
3.4
-
36
-
75
-
42212KK[1]2[2]0
0.27
15.0 x 25.0 x 31.0
99.9
4.1
-
29
-
75
-
42712KK[1]2[2]0
0.33
122.1
4.5
-
24
-
75
-
43312KK[1]2[2]0
0.39
18.0 x 28.0 x 31.0
144.3
5.4
-
20
-
75
-
43912KK[1]2[2]0
0.47
173.9
5.9
-
17
-
75
-
44712KK[1]2[2]0
0.56
21.0 x 31.0 x 31.0
207.2
6.0
-
19
-
100
-
45612KK[1]2[2]0
0.82
18 x 32.5 x 41.5
37.5
-
200
164.0
13.3
-
5
-
30
-
48212KP[1]2T0
1.0
200.0
12.1
-
6
-
45
-
51012KP[1]2T0
1.2
18.5 x 35.5 x 43
10.2
240.0
12.2
12.8
6
6
60
55
51212KP[1]4T0
1.5
21.5 x 38.5 x 43
300.0
13.0
13.6
6
6
75
70
51512KP[1]4T0
1.8
24 x 44 x 42
360.0
14.3
15.1
6
6
85
80
51812KP[1]4T0
2.2
30 x 45 x 42
20.3
440.0
16.7
17.5
5
5
85
80
52212KP[1]5T0
2.7
540.0
18.4
19.3
5
5
100
90
52712KP[1]5T0
ELECTRICAL DATA AND ORDERING CODE
URDC
(V)
CAP.
(μF)
DIMENSION
w x h x l
(mm)
P1
(mm)
P2
(mm)
du/dt
(V/μs)R
IPEAK
(A)
IRMS (1)
(A)
ESR (2)
(m
)
tan
(3)
(10-4)
ORDERING CODE (4)
MKP385e....
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
Notes
(1) IRMS at 85 °C ambient temperature and 100 kHz
(2) ESR at 85 °C and 100 kHz
(3) Maximum tan
 value at 100 kHz
(4) Please replace “[1]” by the lead length code and the “[2]” by the packaging type in accordance with section “Composition of Catalog
Number”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com