전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MKP385E44740API2W0 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 MKP385E44740API2W0
상세설명  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E44740API2W0 데이터시트(HTML) 2 Page - Vishay Siliconix

  MKP385E44740API2W0 Datasheet HTML 1Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 2Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 3Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 4Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 5Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 6Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 7Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 8Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
2
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Rated AC voltage is 600 VAC and rated peak to peak voltage is 1700 VAC for pitch 37.5 mm
(2) UOPAC (URAC x 0.7) = 420 VAC; peak to peak voltage Vp-p (2 x UOPAC x 2) = 1188 V; maximum temporary RMS over voltage (< 24 h)
(0.875 x URAC) = 525 VAC
(3) (UOPAC (URAC x 0.5) = 300 VAC; Peak to peak voltage Vp-p (2 x UOPAC x 2) = 849 V; maximum temporary RMS over voltage (< 24 h)
(0.625 x URAC) = 375 VAC
VOLTAGE RATINGS AND TEMPERATURE
VOLTAGE RATINGS Tamb = 85 °C
Rated DC voltage URDC
400
630
850
1000
1250
1600
2000
2500
Rated AC voltage URAC
200
220
300
350
450
550
700 (1)
800
Rated peak to peak voltage Vp-p (2 x URAC x 2)
560
620
850
1000
1250
1600
2000 (1)
2250
Peak voltage Vo-p (URDC x 1.6)
640
1008
1360
1600
2000
2560
3200
4000
Maximum temporary RMS over voltage (< 24 h) (1.25 x URAC)
250
275
375
438
563
688
875
1000
VOLTAGE RATINGS 85 °C < Tamb  105 °C
UOPDC (URDC x 0.7)
280
441
595
700
875
1120
1400
1750
UOPAC (URAC x 0.7)
140
154
210
245
315
385
490 (2)
560
Rated peak to peak voltage Vp-p (2 x UOPAC x 2)
396
436
594
693
891
1089
1386 (2)
1584
Peak voltage Vo-p (URDC x 1.1)
440
693
935
1100
1375
1760
2200
2750
Maximum temporary RMS over voltage (< 24 h) (0.875 x URAC)
175
193
263
306
394
481
613 (2)
700
VOLTAGE RATINGS 105 °C < Tamb  125 °C (for limited time < 500 h)
UOPDC (URDC x 0.5)
200
315
425
500
625
800
1000
1250
UOPAC (URAC x 0.5)
100
110
150
175
225
275
350 (3)
400
Rated peak to peak voltage Vp-p (2 x UOPAC x 2)
283
311
424
495
636
778
990 (3)
1131
Peak voltage Vo-p (URDC x 0.8)
320
504
680
800
1000
1280
1600
2000
Maximum temporary RMS over voltage (< 24 h) (0.625 x URAC)
125
138
188
219
281
344
438 (3)
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com