전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MKP385E44740API2W0 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 MKP385E44740API2W0
상세설명  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E44740API2W0 데이터시트(HTML) 1 Page - Vishay Siliconix

  MKP385E44740API2W0 Datasheet HTML 1Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 2Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 3Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 4Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 5Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 6Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 7Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 8Page - Vishay Siliconix MKP385E44740API2W0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
1
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THB AC and Pulse Metallized Polypropylene Film Capacitors
High Temperature AEC-Q200 Qualified
FEATURES
• AEC-Q200 qualified (rev. D)
• THB 60 °C 93 % RH for 56 days at rated voltage
• High temperature capabilities, up to 125 °C
• Customization on request
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
Hybrid and electrical vehicles applications
• On-board and inductive charging systems
• BMS (battery management)
• High pulse and high frequency currents
• Snubbering
• Resonant converters
Notes
•For more detailed data and test requirements, contact dc-film@vishay.com
(1) See document “Voltage Proof Test for Metalized Capacitors” www.vishay.com/doc?28169
QUICK REFERENCE DATA
Rated capacitance range (E12 series)
0.001 μF to 15 μF
Capacitance tolerance
± 5 % / ± 10 %
Rated voltage range, URDC
400 VDC, 630 VDC, 850 VDC, 1000 VDC, 1250 VDC, 1600 VDC, 2000 VDC, 2500 VDC
Permissible AC voltage
200 VAC, 220 VAC, 300 VAC, 350 VAC, 450 VAC, 550 VAC, 700 VAC, 900 VAC
Climatic testing class
40 / 105 / 56
Rated temperature
85 °C
Max. operation temperature
105 °C up to 125 °C observing voltage derating
Reference standards
IEC 60384-17, AEC-Q200 qualified (rev. D) up to 105 °C
Dielectric
Polypropylene film
Electrodes
Metallized
Construction
Mono construction (for
 630 V
DC)
Series construction (for > 630 VDC)
Encapsulation
Plastic case, epoxy resin sealed, flame retardant UL-class 94 V-0
Leads
Tinned wire
Withstanding DC voltage between terminals (1)
1.6 URDC for 60 s (maximum rise time 1000 V/s; cut off current 10 mA)
Test voltage between terminals and case
1.4 URAC + 2000 VDC for 60 s
Insulation resistance
RC between leads, after 1 min:
for URDC < 500 V measuring voltage 100 V
for URDC  500 V measuring voltage 500 V
> 100 G
 for C  0.33 μF
> 30 000 s for C > 0.33 μF
Marking
C-value, tolerance, rated voltage, code for dielectric material,
manufacturer location, manufacturer’s type, manufacturer’s logo, year and week


유사한 부품 번호 - MKP385E44740API2W0

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
17-Feb-06
MKP385 VISHAY-MKP385 Datasheet
136Kb / 15P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
13-Oct-08
MKP385 VISHAY-MKP385 Datasheet
181Kb / 18P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
03-Jun-15
MKP385522025JKI2B0 VISHAY-MKP385522025JKI2B0 Datasheet
181Kb / 18P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
03-Jun-15
logo
List of Unclassifed Man...
MKP385S ETC1-MKP385S Datasheet
111Kb / 2P
MKP Metallized Polypropylene Film Capacitors
More results

유사한 설명 - MKP385E44740API2W0

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
22-Oct-08
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
AC and Pulse metallized polypropylene film capacitor
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
21-Apr-10
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
AC and Pulse Double Metallized Polypropylene Film Capacitors
19-Mar-13
MKP1839 VISHAY-MKP1839_12 Datasheet
129Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
10-Dec-13
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
21-Dec-15
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
Vishay Siliconix
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
AC and Pulse Double Metallized Polypropylene Film Capacitors MKP Radial Potted Type
08-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com