전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5600-DTL 데이터시트(PDF) 1 Page - Moxa Inc.

부품명 5600-DTL
상세설명  8-port RS-232/422/485 serial device servers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOXA [Moxa Inc.]
홈페이지  https://www.moxa.com/
Logo MOXA - Moxa Inc.

5600-DTL 데이터시트(HTML) 1 Page - Moxa Inc.

  5600-DTL Datasheet HTML 1Page - Moxa Inc. 5600-DTL Datasheet HTML 2Page - Moxa Inc. 5600-DTL Datasheet HTML 3Page - Moxa Inc. 5600-DTL Datasheet HTML 4Page - Moxa Inc. 5600-DTL Datasheet HTML 5Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.moxa.com
1
NPort 5600-DTL Series
8-port RS-232/422/485 serial device servers
Features and Benefits
8 serial ports supporting RS-232/422/485
Compact desktop design
10/100M auto-sensing Ethernet
Configure by Telnet, web browser, or Windows utility
Supports Real COM and TCP server, TCP client, UDP socket modes
SNMP MIB-II for network management
Certifications
Introduction
NPort® 5600-8-DTL device servers can conveniently and transparently connect 8 serial devices to an Ethernet network, allowing you to network
your existing serial devices with basic configurations. You can both centralize management of your serial devices and distribute management
hosts over the network. The NPort® 5600-8-DTL device servers have a smaller form factor than our 19-inch models, making them a great choice for
applications that need additional serial ports when mounting rails are not available.
Convenient Design for RS-485 Applications
The NPort® 5650-8-DTL device servers support selectable 1 kilo-ohm and 150 kilo-ohms pull high/low resistors and a 120-ohm terminator. In some
critical environments, termination resistors may be needed to prevent the reflection of serial signals. When using termination resistors, it is also
important to set the pull high/low resistors correctly so that the electrical signal is not corrupted. Since no set of resistor values is universally
compatible with all environments, NPort® 5600-8-DTL device servers use DIP switches to allow users to adjust termination and pull high/low
resistor values manually for each serial port.
LED Indicators to Ease Your Maintenance Tasks
The System LED, Serial Tx/Rx LEDs, and Ethernet LEDs (located on the RJ45 connector) provide a great tool for basic maintenance tasks and help
engineers analyze problems in the field. The NPort® 5600’s LEDs not only indicate current system and network status, but they also help field
engineers monitor the status of attached serial devices.
Appearance


유사한 부품 번호 - 5600-DTL

제조업체부품명데이터시트상세설명
logo
Visual Communications C...
5600 VCC-5600 Datasheet
94Kb / 1P
T-1 Right Angle LED Assembly
logo
Kyocera Kinseki Corpota...
5600 KSS-5600 Datasheet
936Kb / 3P
Board to Board Connector
logo
Pentair plc. All rights...
5600 PENTAIR-5600 Datasheet
435Kb / 2P
DISE횗O ECON횙MICO Y DE EFICACIA COMPROBADA
logo
Moxa Inc.
5600 MOXA-5600 Datasheet
2Mb / 7P
8 and 16-port RS-232/422/485 rackmount serial device servers
logo
Knowles Electronics
5600 KNOWLES-5600 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
More results

유사한 설명 - 5600-DTL

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
EKI-1524 ADVANTECH-EKI-1524 Datasheet
546Kb / 1P
4-port RS-232/422/485 Serial Device Server
EKI-1526 ADVANTECH-EKI-1526 Datasheet
656Kb / 2P
8-port RS-232/422/485 Serial Device Server
logo
Moxa Inc.
5000AI-M12 MOXA-5000AI-M12 Datasheet
766Kb / 5P
Railway 1, 2, and 4-port RS-232/422/485 serial device servers
5100 MOXA-5100 Datasheet
788Kb / 5P
1-port RS-232/422/485 serial device servers
5100A MOXA-5100A Datasheet
4Mb / 7P
1-port RS-232/422/485 serial device servers
5200 MOXA-5200 Datasheet
3Mb / 8P
2-port RS-232/422/485 serial device servers
5200A MOXA-5200A Datasheet
3Mb / 7P
2-port RS-232/422/485 serial device servers
5400 MOXA-5400 Datasheet
2Mb / 5P
4-port RS-232/422/485 serial device servers
5600 MOXA-5600 Datasheet
2Mb / 7P
8 and 16-port RS-232/422/485 rackmount serial device servers
P5150A MOXA-P5150A Datasheet
1Mb / 5P
1-port RS-232/422/485 PoE serial device servers
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com