전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5600-DTL 데이터시트(PDF) 5 Page - Moxa Inc.

부품명 5600-DTL
상세설명  8-port RS-232/422/485 serial device servers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOXA [Moxa Inc.]
홈페이지  https://www.moxa.com/
Logo MOXA - Moxa Inc.

5600-DTL 데이터시트(HTML) 5 Page - Moxa Inc.

  5600-DTL Datasheet HTML 1Page - Moxa Inc. 5600-DTL Datasheet HTML 2Page - Moxa Inc. 5600-DTL Datasheet HTML 3Page - Moxa Inc. 5600-DTL Datasheet HTML 4Page - Moxa Inc. 5600-DTL Datasheet HTML 5Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.moxa.com
5
PWR-12200-DT-S1
Desktop power supply (requires power cord), 12 VDC, 2 A, 100-240 VAC, 0 to 40°C operating
temperature
Power Cords
PWC-C13AU-3B-183
Power cord with Australian (AU) plug, 1.83 m
PWC-C13CN-3B-183
Power cord with three-prong China (CN) plug, 1.83 m
PWC-C13EU-3B-183
Power cord with Continental Europe (EU) plug, 1.83 m
PWC-C13JP-3B-183
Power cord with Japan (JP) plug, 7A/125V, 1.83 m
PWC-C13UK-3B-183
Power cord with United Kingdom (UK) plug, 1.83 m
PWC-C13US-3B-183
Power cord with United States (US) plug, 1.83 m
Wall-Mounting Kits
WK-35-04
2 plates (35 x 44 x 2.5mm) with 6 screws (FTSx6 M3x4mm)
© Moxa Inc. All rights reserved. Updated Nov 08, 2019.
This document and any portion thereof may not be reproduced or used in any manner whatsoever without the express written permission of
Moxa Inc. Product specifications subject to change without notice. Visit our website for the most up-to-date product information.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com