전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5600-DTL 데이터시트(PDF) 4 Page - Moxa Inc.

부품명 5600-DTL
상세설명  8-port RS-232/422/485 serial device servers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOXA [Moxa Inc.]
홈페이지  https://www.moxa.com/
Logo MOXA - Moxa Inc.

5600-DTL 데이터시트(HTML) 4 Page - Moxa Inc.

  5600-DTL Datasheet HTML 1Page - Moxa Inc. 5600-DTL Datasheet HTML 2Page - Moxa Inc. 5600-DTL Datasheet HTML 3Page - Moxa Inc. 5600-DTL Datasheet HTML 4Page - Moxa Inc. 5600-DTL Datasheet HTML 5Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.moxa.com
4
Package Contents
Device
1 x NPort 5600-DTL Series device server
Installation Kit
1 x wall-mounting kit
Cable
1 x Ethernet, RJ45
Power Supply
1 x power adapter, suitable for your region (except -T models)
Documentation
1 x quick installation guide
1 x warranty card
Dimensions
Ordering Information
Model Name
Serial Interface
Serial Interface
Connector
Serial Interface
Isolation
Operating Temp.
Input Voltage
NPort 5610-8-DTL
RS-232
DB9
0 to 60°C
12-48 VDC
NPort 5610-8-DTL-T
RS-232
DB9
-40 to 75°C
12-48 VDC
NPort 5650-8-DTL
RS-232/422/485
DB9
0 to 60°C
12-48 VDC
NPort 5650-8-DTL-T
RS-232/422/485
DB9
-40 to 75°C
12-48 VDC
NPort 5650I-8-DTL
RS-232/422/485
DB9
2 kV
0 to 60°C
12-48 VDC
NPort 5650I-8-DTL-T
RS-232/422/485
DB9
2 kV
-40 to 75°C
12-48 VDC
Accessories (sold separately)
Connectors
ADP-RJ458P-DB9F
DB9 female to RJ45 connector
Mini DB9F-to-TB
DB9 female to terminal block connector
DIN-Rail Mounting Kits
DK35A
DIN-rail mounting kit, 35 mm
Power Adapters



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com