전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD16704 데이터시트(PDF) 4 Page - NEC

부품명 UPD16704
상세설명  240-OUTPUT TFT-LCD GATE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD16704 데이터시트(HTML) 4 Page - NEC

  UPD16704 Datasheet HTML 1Page - NEC UPD16704 Datasheet HTML 2Page - NEC UPD16704 Datasheet HTML 3Page - NEC UPD16704 Datasheet HTML 4Page - NEC UPD16704 Datasheet HTML 5Page - NEC UPD16704 Datasheet HTML 6Page - NEC UPD16704 Datasheet HTML 7Page - NEC UPD16704 Datasheet HTML 8Page - NEC UPD16704 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet S15809EJ1V0DS
4
µµµµ PD16704
Figure 2
−−−−1. Pad Coordinate (1/3)
No
PAD Name
X[
µm]
Y[
µm]
Bump size (X:Y)[
µm]
No
PAD Name
X[
µm]
Y[
µm]
Bump size (X:Y)[
µm]
1
TEST1
-7061.8
-375.0
110:60
51
VDD2
7556.0
136.0
110:60
2
TEST1
-6931.8
-375.0
110:60
52
VDD2
7556.0
216.0
110:60
3
VEE2
-6801.8
-375.0
110:60
53
VDD2
7556.0
296.0
110:60
4
VEE2
-6671.8
-375.0
110:60
54
DUMMY
7200.0
310.5
40:80
5
VEE2
-6541.8
-375.0
110:60
55
O240
7140.0
310.5
40:80
6
VEE2
-6411.8
-375.0
110:60
56
O239
7080.0
310.5
40:80
7
VEE1
-6193.8
-375.0
110:60
57
O238
7020.0
310.5
40:80
8
VEE1
-6063.8
-375.0
110:60
58
O237
6960.0
310.5
40:80
9VEE1
-5933.8
-375.0
110:60
59
O236
6900.0
310.5
40:80
10
VEE1
-5803.8
-375.0
110:60
60
O235
6840.0
310.5
40:80
11
DUMMY
-5673.8
-375.0
110:60
61
O234
6780.0
310.5
40:80
12
VDD1
-5490.8
-375.0
110:60
62
O233
6720.0
310.5
40:80
13
VDD1
-5360.8
-375.0
110:60
63
O232
6660.0
310.5
40:80
14
VDD1
-4999.0
-375.0
110:60
64
O231
6600.0
310.5
40:80
15
VDD1
-4450.2
-375.0
110:60
65
O230
6540.0
310.5
40:80
16
DS
-4120.4
-375.0
110:60
66
O229
6480.0
310.5
40:80
17
DS
-3809.4
-375.0
110:60
67
O228
6420.0
310.5
40:80
18
RL
-3362.4
-375.0
110:60
68
O227
6360.0
310.5
40:80
19
RL
-2924.2
-375.0
110:60
69
O226
6300.0
310.5
40:80
20
STV
-2280.2
-375.0
110:60
70
O225
6240.0
310.5
40:80
21
STV
-1969.2
-375.0
110:60
71
O224
6180.0
310.5
40:80
22
CLK
-1522.2
-375.0
110:60
72
O223
6120.0
310.5
40:80
23
CLK
-1084.0
-375.0
110:60
73
O222
6060.0
310.5
40:80
24
DUMMY
-440.0
-375.0
110:60
74
O221
6000.0
310.5
40:80
25
DUMMY
182.2
-375.0
110:60
75
O220
5940.0
310.5
40:80
26
OE
826.2
-375.0
110:60
76
O219
5880.0
310.5
40:80
27
OE
1264.4
-375.0
110:60
77
O218
5820.0
310.5
40:80
28
DSOE
1711.4
-375.0
110:60
78
O217
5760.0
310.5
40:80
29
DSOE
2022.4
-375.0
110:60
79
O216
5700.0
310.5
40:80
30
VSS
2194.2
-375.0
110:60
80
O215
5640.0
310.5
40:80
31
VSS
2564.8
-375.0
110:60
81
O214
5580.0
310.5
40:80
32
VSS
2926.6
-375.0
110:60
82
O213
5520.0
310.5
40:80
33
VSS
3056.6
-375.0
110:60
83
O212
5460.0
310.5
40:80
34
VCC
3433.4
-375.0
110:60
84
O211
5400.0
310.5
40:80
35
VCC
4073.4
-375.0
110:60
85
O210
5340.0
310.5
40:80
36
VCCC
4450.2
-375.0
110:60
86
O209
5280.0
310.5
40:80
37
VCCC
5090.2
-375.0
110:60
87
O208
5220.0
310.5
40:80
38
DUMMY
5691.8
-375.0
110:60
88
O207
5160.0
310.5
40:80
39
VEE1
5821.8
-375.0
110:60
89
O206
5100.0
310.5
40:80
40
VEE1
5951.8
-375.0
110:60
90
O205
5040.0
310.5
40:80
41
VEE1
6081.8
-375.0
110:60
91
O204
4980.0
310.5
40:80
42
VEE1
6211.8
-375.0
110:60
92
O203
4920.0
310.5
40:80
43
VEE2
6429.8
-375.0
110:60
93
O202
4860.0
310.5
40:80
44
VEE2
6559.8
-375.0
110:60
94
O201
4800.0
310.5
40:80
45
VEE2
6689.8
-375.0
110:60
95
O200
4740.0
310.5
40:80
46
VEE2
6819.8
-375.0
110:60
96
O199
4680.0
310.5
40:80
47
TEST2
6949.8
-375.0
110:60
97
O198
4620.0
310.5
40:80
48
TEST2
7079.8
-375.0
110:60
98
O197
4560.0
310.5
40:80
49
DUMMY
7556.0
-220.0
80:40
99
O196
4500.0
310.5
40:80
50
DUMMY
7556.0
-80.0
80:40
100
O195
4440.0
310.5
40:80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14