전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FN-3311-HV 데이터시트(PDF) 2 Page - Schaffner International Ltd

부품명 FN-3311-HV
상세설명  Compact 690 VAC power line EMC/EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHAFFNER [Schaffner International Ltd]
홈페이지  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-3311-HV 데이터시트(HTML) 2 Page - Schaffner International Ltd

  FN-3311-HV Datasheet HTML 1Page - Schaffner International Ltd FN-3311-HV Datasheet HTML 2Page - Schaffner International Ltd FN-3311-HV Datasheet HTML 3Page - Schaffner International Ltd FN-3311-HV Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
05 Oct 2020
Filter selection table
Rated current
Typical inverter
Leakage current****
Power losss
Weight
@ 50°C
AC power rating***
@ 760 VAC/50 Hz
@ 25°C/DC
Filters */**
[A]
[kVA]
[mA]
[W]
[kg]
FN 3311 HV with Cy caps
FN 3311 HVIT with Cy caps
FN 3311 HV-250-99-C18-R55
FN 3311 HVIT-250-99-C18-R5
250
140
0.09
18
2.7
FN 3311 HV-400-99-C18-R55
FN 3311 HVIT-400-99-C18-R5
400
220
0.09
30
3.3
FN 3311 HV-600-99-C18-R55
FN 3311 HVIT-600-99-C18-R5
600
330
0.09
33
4.5
FN 3311 HV-1000-99-C18-R55
FN 3311 HVIT-1000-99-C18-R5
1000
550
0.09
70
6.1
FN 3311 HV-1500-99-C18-R55
FN 3311 HVIT-1500-99-C18-R5
1500
830
0.09
133
11.0
FN 3311 HV-2300-99-C18-R55
FN 3311 HVIT-2300-99-C18-R5
2300
1250
0.09
201
18.0
FN 3310 without Cy caps
FN 3310 HV-250-99-R5
250
140
18
2.7
FN 3310 HV-400-99-R5
400
220
30
3.3
FN 3310 HV-600-99-R5
600
330
33
4.5
FN 3310 HV-1000-99-R5
1000
550
70
6.1
FN 3310 HV-1500-99-R5
1500
830
133
11.0
FN 3310 HV-2300-99-R5
2300
1250
201
18.0
*
Filters with higher current ratings available upon request.
** Filters with reduced Cy capacitance to ground for high asymmetrical currents and higher voltages available upon request.
*** Calculated at rated current, 690 VAC and cos phi = 0.8. The exact value depends upon the efficiency of the drive, the motor and the entire application.£
**** Leakage current according IEC 60939-1
Typical filter attenuation curves
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym
FN 3311 HV-250...2300-99-C18-R5
and
FN 3311 HVIT-250...2300-99-C18-R55
FN 3310 HV-250...2300-99-R5
Typical block schematic
1
PV modules
2
Schaffner DC filter FN 22xx
3
Central Inverter
4
Schaffner magnetic components
5
Schaffner AC EMC/EMI filter FN 3xxx
Important note: depending on the grounding scheme of the solar power system, including the solar panel and the grid side transformer, the appropriate DC- and AC
EMC/EMI filter version need to be selected. For support, please contact your local Schaffner sales office or partner.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com