전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FN-3311-HV 데이터시트(PDF) 1 Page - Schaffner International Ltd

부품명 FN-3311-HV
상세설명  Compact 690 VAC power line EMC/EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHAFFNER [Schaffner International Ltd]
홈페이지  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-3311-HV 데이터시트(HTML) 1 Page - Schaffner International Ltd

  FN-3311-HV Datasheet HTML 1Page - Schaffner International Ltd FN-3311-HV Datasheet HTML 2Page - Schaffner International Ltd FN-3311-HV Datasheet HTML 3Page - Schaffner International Ltd FN-3311-HV Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA
SHEET
3-Phase Filters FN 3311 HV and FN 3310 HV
Compact 690 VAC power line EMC/EMI filter
High current 3-phase filter up to 2300 A
Extremely compact and light weight design
Minimum installation foot print
Performance optimised for standard purpose
applications
FN 3310 HV series without Cy capacitors to
ground
FN 3311 HVIT versions for use in IT power
networks
Performance indicators
Technical specifications
Maximum continuous operating voltage
3x 760/440 VAC for FN 3311 HV
3x 760 VAC for FN 3310 HV and FN 3311 HVIT
Operating frequency
DC to 60 Hz
Rated currents
250 to 2300 A @ 50°C
High potential test voltage
P –> E 3.0 kVAC for 2 s
(FN 3310 HV/FN 3311 HVIT 3.35 kVAC for 2 s)
P –> P 3.45 kVDC for 2 s
Protection category
IP 00
Overload capability
4x rated current at switch on, max. 8 sec
1.5x rated current for 1 minute, once per hour
Temperature range (operation and storage)
-40°C to +100°C
Climatic category
40/100/21 acc. to IEC 60068-1
Terminals/Housing
Ni plated cu bars/Metal
Flammability corresponding to
UL 94V-0
Design corresponding to
UL 1283, CSA 22.2 No. 8, IEC/EN 60939, EN 60721-3
MTBF @ Rated amb. Temp./Voltage (Mil-
HB-217F)
> 200,000 hours
Approvals & Compliances
The FN 3311 HV/FN 3310 HV poduct series of
standard EMC/EMI filters are based on Schaffner’s
many years of expertise in filter design for all types of
converter and inverter applications. Installed
between the PV inverter and the power grid, the FN
3311HV and FN 3310HV AC filters are used to
influence positively the conducted emissions on the
grid side to help to comply with the required
emission standards.
Features and benefits
The FN 3311 HV/FN 3310 HV series are the most
compact dedicated high current AC filters, not only
suitable for PV applications, but being an optimum fit
with most modern PV inverter topologies. In addition
the filters can be configured in a very flexible way to
fulfil custom specific application requirements.
All FN 3311 HV/FN 3310 HV come in unsymmetrical
housings, which help to prevent inverse installation
and wrong electrical connection. The AC filters FN
3311 HV/FN 3310 HV are key to meet the stringent
international standards for electromagnetic
compatibility and help to ensure a reliable and fault-
free operation of the entire PV system.
Typical applications
The FN 3311 HV/FN 3310 HV series are primarily
designed for all kind of power line connected
converter and inverter applications between 250 and
2'300 A. However, they are optimised for PV inverter
and can potentially also be applied for general
purpose motor drives applications.
Typical electrical schematic FN 3311 HV
*
*
- FN 3311 HVIT series without resistor to PE
- FN 3310 HV series without resistor and capacitor
to PE


유사한 부품 번호 - FN-3311-HV

제조업체부품명데이터시트상세설명
logo
Schaffner International...
FN-3311 SCHAFFNER-FN-3311 Datasheet
3Mb / 4P
Compact power line AC EMC/EMI filter
More results

유사한 설명 - FN-3311-HV

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FN356-50-33 ETC2-FN356-50-33 Datasheet
250Kb / 4P
General Purpose EMC/EMI Line Filter
logo
API Technologies Corp
62-MTB-060-5-21 APITECH-62-MTB-060-5-21 Datasheet
226Kb / 2P
EMI/EMC Filter
logo
Schaffner International...
FN-356 SCHAFFNER-FN-356 Datasheet
569Kb / 4P
General Purpose EMC/EMI Line Filter
FN-2211 SCHAFFNER-FN-2211 Datasheet
3Mb / 4P
Compact high current DC EMC/EMI filter
FN-2211-HV SCHAFFNER-FN-2211-HV Datasheet
1Mb / 4P
Compact high current DC EMC/EMI filter
FN-2580 SCHAFFNER-FN-2580 Datasheet
278Kb / 3P
EMC/EMI line filter for lighting equipment
FN-3311 SCHAFFNER-FN-3311 Datasheet
3Mb / 4P
Compact power line AC EMC/EMI filter
logo
DONG IL TECHNOLOGY LTD.
ES3 DIT-ES3 Datasheet
1Mb / 2P
EMI/EMC FILTER
HP4 DIT-HP4 Datasheet
954Kb / 2P
EMI/EMC FILTER
PC2 DIT-PC2 Datasheet
1Mb / 2P
EMI/EMC FILTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com