전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FN-3311-HV 데이터시트(PDF) 3 Page - Schaffner International Ltd

부품명 FN-3311-HV
상세설명  Compact 690 VAC power line EMC/EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHAFFNER [Schaffner International Ltd]
홈페이지  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-3311-HV 데이터시트(HTML) 3 Page - Schaffner International Ltd

  FN-3311-HV Datasheet HTML 1Page - Schaffner International Ltd FN-3311-HV Datasheet HTML 2Page - Schaffner International Ltd FN-3311-HV Datasheet HTML 3Page - Schaffner International Ltd FN-3311-HV Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
EMC/EMI Products
Schaffner Group
Datasheets
05 Oct 2020
Mechnical data
250 to 2'300 A types
Busbar connections
250 to 1'000 A types
2'300 A types
1'500 A types
Note:
all FN 3311 and FN 3310 provide unsymmetrical mounting hole patterns to prevent inverse filter installation in the field.
Dimensions of FN 3311 HV and FN 3310 HV series
(the FN 3311 HVIT versions have the same dimensions as the FN 3311 HV)
250 A
400 A
600 A
1'000 A
1'500 A
2'300 A
A
170
175
190
190
195
220
B
267
280
290
290
310
320
C
140
140
140
140
150
165
D
235
250
265
305
360
410
E
195
205
220
220
240
265
F1
227
240
250
250
270
275
F2
232
245
255
255
275
280
G
Ø7 (6x)
Ø9 (6x)
Ø9 (6x)
Ø9 (6x)
Ø11 (6x)
Ø11 (6x)
H
1.5
2
2.5
2.5
2.5
2.5
J
M6 (2x)
M8 (2x)
M8 (2x)
M8 (2x)
M10 (2x)
M10 (2x)
K
200 (+/- 1)
210 (+/- 1)
225 (+/- 1)
225 (+/- 1)
241 (+/- 1)
266 (+/- 1)
L
215
230
245
245
265
290
O
24.5
27
29.5
29.5
34.8
40
P
49 (+/- 0.5)
54 (+/- 0.5)
59 (+/- 0.5)
59 (+/- 0.5)
69.5 (+/- 0.5)
80 (+/- 0.5)
S
26
40
T
26
35
U
41
46
50
53
58
60.5
V
20
25
25
40
60
70
W
3
4
8
8
10
15
X
10
12.5
12.5
20
17
20
Y
32.5
37.5
37.5
57.5
82.5
95
Z
Ø9
Ø11
Ø11
Ø13.5
Ø13.5
Ø13.5
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m, if not stated otherwise
Please see the brochure "Basics in EMC and Power Quality" on our website www.schaffner.com to find more details on filter connectors.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com