전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L552CC 데이터시트(PDF) 54 Page - STMicroelectronics

부품명 STM32L552CC
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552CC 데이터시트(HTML) 54 Page - STMicroelectronics

Back Button STM32L552CC_V01 Datasheet HTML 50Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 51Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 52Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 53Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 54Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 55Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 56Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 57Page - STMicroelectronics STM32L552CC_V01 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 340 page
background image
Functional overview
STM32L552xx
54/340
DS12737 Rev 6
3.14
Multi-AHB bus matrix
The 32-bit multi-AHB bus matrix interconnects all the masters (CPU, DMAs, SDMMC1) and
the slaves (Flash memory, RAM, FMC, OCTOSPI, AHB and APB peripherals). It also
ensures a seamless and efficient operation even when several high-speed peripherals work
simultaneously.
Figure 8. Multi-AHB bus matrix
MSv61198V1
CORTEX
®-M33
with TrustZone and FPU
DMA1
DMA2
SDMMC1
BusMatrix-S
8 KB I-Cache
MPCBB1
MPCBB2
MPCWM1
MPCWM2
MPCWM3
OctoSPI1
AHB2
peripherals
AHB1
peripherals
SRAM2
SRAM1
FLASH
512 KB
FSMC
MPCBBx: Memory protection controller block based
Bus multiplexer
Legend
Master Interface
Slave Interface
MPCWMx: Memory protection controller Watermark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More