| 전자부품 데이터시트 검색엔진 |
|
STM32L552CC 데이터시트(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CC 데이터시트(HTML) 99 Page - STMicroelectronics |
|
99 / 340 page ![]() 19 19 26 H5 25 H5 33 L4 44 19 19 27 36 L4 47 PB1 I/O FT _a - TIM1_CH3N, TIM3_CH4, TIM8_CH3N, DFSDM1_DATIN0, USART3_RTS/USART 3_DE, LPUART1_RTS/LPUA RT1_DE, OCTOSPI1_IO0, LPTIM2_IN1, EVENTOUT COMP1_INM, ADC12_IN16 20 20 27 J5 26 J5 34 K4 45 20 20 28 37 K4 48 PB2 I/O FT _a - LPTIM1_OUT, I2C3_SMBA, DFSDM1_CKIN0, OCTOSPI1_DQS, UCPD1_FRSTX1, EVENTOUT RTC_OUT2, COMP1_INP - ---- -- K5 46 - --- K5 49 PF11 I/O FT - OCTOSPI1_NCLK, EVENTOUT - - ---- -- L5 47 - --- L5 50 PF12 I/O FT - FMC_A6, EVENTOUT - - - - J9 - J9 -- 48 - ---- 51 VSS S - - - - - - - J8 - J8 -- 49 - ---- 52 VDD S - - - - - ---- -- M5 50 - --- M5 53 PF13 I/O FT - I2C4_SMBA, FMC_A7, EVENTOUT - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |