| 전자부품 데이터시트 검색엔진 |
|
STM32L552CC 데이터시트(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CC 데이터시트(HTML) 112 Page - STMicroelectronics |
|
112 / 340 page ![]() 37 37 49 D3 49 D3 76 C11 109 37 37 49 76 C11 109 PA14 (JTCK/ SWCL K) I/O FT (3) JTCK/SWCLK, LPTIM1_OUT, I2C1_SMBA, I2C4_SMBA, SAI1_FS_B, EVENTOUT - 38 38 50 E4 50 E4 77 A11 110 38 38 50 77 A11 110 PA15 (JTDI) I/O FT _c (3) JTDI, TIM2_CH1, TIM2_ETR, USART2_RX, SPI1_NSS, SPI3_NSS, USART3_RTS/USART 3_DE, UART4_RTS/UART4_ DE, SAI2_FS_B, EVENTOUT UCPD1_CC1 - - 51 A2 51 A2 78 B11 111 - - 51 78 B11 111 PC10 I/O FT - TRACED1, LPTIM3_ETR, SPI3_SCK, USART3_TX, UART4_TX, TSC_G3_IO2, SDMMC1_D2, SAI2_SCK_B, EVENTOUT - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |