| 전자부품 데이터시트 검색엔진 |
|
STM32L552CCT3PTR 데이터시트(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCT3PTR 데이터시트(HTML) 97 Page - STMicroelectronics |
|
97 / 340 page ![]() 15 15 21 H6 21 H6 29 M1 40 15 15 21 30 M1 41 PA5 I/O TT _a - TIM2_CH1, TIM2_ETR, TIM8_CH1N, SPI1_SCK, LPTIM2_ETR, EVENTOUT ADC12_IN10, DAC1_OUT2 16 16 22 G5 22 G5 30 L2 41 16 16 22 31 L2 42 PA6 I/O FT _a - TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, USART3_CTS/USART 3_NSS, LPUART1_CTS, OCTOSPI1_IO3, TIM16_CH1, EVENTOUT OPAMP2_VINP, ADC12_IN11 - ---- -- M2 -- --- M2 - OPAM P2_VI NM ITT - - - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |