| 전자부품 데이터시트 검색엔진 |
|
STM32WLE4JCY6TR 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCY6TR 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 145 page ![]() Pinouts, pin description and alternate functions STM32WLE5/E4xx 52/145 DS13105 Rev 8 -- C4 PB9 I/O FT_f - TIM1_CH3N, I2C1_SDA, SPI2_NSS/I2S2_WS, IR_OUT, TIM17_CH1, CM4_EVENTOUT - - - F2 PC0 I/O FT_f - LPTIM1_IN1, I2C3_SCL, LPUART1_RX, LPTIM2_IN1, CM4_EVENTOUT - - - F1 PC1 I/O FT_f - LPTIM1_OUT, SPI2_MOSI/I2S2_SD, I2C3_SDA, LPUART1_TX, CM4_EVENTOUT - -- D4 PC2 I/O FT - LPTIM1_IN2, SPI2_MISO, CM4_EVENTOUT - -- D5 PC3 I/O FT - LPTIM1_ETR, SPI2_MOSI/I2S2_SD, LPTIM2_ETR, CM4_EVENTOUT - - - F3 PC4 I/O FT - CM4_EVENTOUT - - - E4 PC5 I/O FT - CM4_EVENTOUT - - - G2 PC6 I/O FT - I2S2_MCK, CM4_EVENTOUT - 7H11 D6 PA0 I/O FT_a - TIM2_CH1, I2C3_SMBA, I2S_CKIN, USART2_CTS, COMP1_OUT, DEBUG_PWR_REGLP1S, TIM2_ETR, CM4_EVENTOUT TAMP_IN2/WKUP1 8 G10 G3 PA1 I/O FT_a - TIM2_CH2, LPTIM3_OUT, I2C1_SMBA, SPI1_SCK, USART2_RTS, LPUART1_RTS, DEBUG_PWR_REGLP2S, CM4_EVENTOUT - 9F9 H2 PA2 I/O FT_a - LSCO, TIM2_CH3, USART2_TX, LPUART1_TX, COMP2_OUT, DEBUG_PWR_LDORDY, CM4_EVENTOUT LSCO 10 C8 H1 PA3 I/O FT_a - TIM2_CH4, I2S2_MCK, USART2_RX, LPUART1_RX, CM4_EVENTOUT - - E6 G5 VSS S - - - - Table 19. STM32WLE5/E4xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |