전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32WLE4JCY6TR 데이터시트(PDF) 55 Page - STMicroelectronics

부품명 STM32WLE4JCY6TR
상세설명  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCY6TR 데이터시트(HTML) 55 Page - STMicroelectronics

Back Button STM32WLE4JCY6TR Datasheet HTML 51Page - STMicroelectronics STM32WLE4JCY6TR Datasheet HTML 52Page - STMicroelectronics STM32WLE4JCY6TR Datasheet HTML 53Page - STMicroelectronics STM32WLE4JCY6TR Datasheet HTML 54Page - STMicroelectronics STM32WLE4JCY6TR Datasheet HTML 55Page - STMicroelectronics STM32WLE4JCY6TR Datasheet HTML 56Page - STMicroelectronics STM32WLE4JCY6TR Datasheet HTML 57Page - STMicroelectronics STM32WLE4JCY6TR Datasheet HTML 58Page - STMicroelectronics STM32WLE4JCY6TR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 145 page
background image
DS13105 Rev 8
55/145
STM32WLE5/E4xx
Pinouts, pin description and alternate functions
60
-
-
D7
PB13
I/O
FT_fa
-
TIM1_CH1N, I2C3_SCL,
SPI2_SCK/I2S2_CK,
LPUART1_CTS,
CM4_EVENTOUT
ADC_IN0
-
-
C6
PB14
I/O
FT_fa
-
TIM1_CH2N, I2S2_MCK,
I2C3_SDA, SPI2_MISO,
CM4_EVENTOUT
ADC_IN1
33
D3
C8
PA10
I/O
FT_fa
-
RTC_REFIN, TIM1_CH3,
I2C1_SDA,
SPI2_MOSI/I2S2_SD,
USART1_RX,
DEBUG_RF_HSE32RDY,
TIM17_BKIN,
CM4_EVENTOUT
COMP1_INM,
COMP2_INM,
DAC_OUT1,
ADC_IN6
34
E4
B9
PA11
I/O
FT_fa
-
TIM1_CH4, TIM1_BKIN2,
LPTIM3_ETR, I2C2_SDA,
SPI1_MISO, USART1_CTS,
DEBUG_RF_NRESET,
CM4_EVENTOUT
COMP1_INM,
COMP2_INM,
ADC_IN7
35
D5
A9
PA12
I/O
FT_fa
-
TIM1_ETR, LPTIM3_IN1,
I2C2_SCL, SPI1_MOSI,
RF_BUSY, USART1_RTS,
CM4_EVENTOUT
ADC_IN8
36
D7
B8
PA13
I/O
FT_a
-
JTMS-SWDIO, I2C2_SMBA,
IR_OUT, CM4_EVENTOUT
ADC_IN9
-
C2
B7
VSS
S
-
-
-
-
-A2
A7
VDD
S
-
-
-
-
37
-
A8
VBAT
S
-
-
-
-
38
-
C7
PC13
I/O
FT
-
CM4_EVENTOUT
TAMP_IN1/
RTC_OUT1/RTC_TS/
WKUP2
39
B3
B6
PC14-OSC32_IN
I/O
FT
-
CM4_EVENTOUT
OSC32_IN
40
A4
C5
PC15-
OSC32_OUT
I/O
FT
-
CM4_EVENTOUT
OSC32_OUT
-
-
B5
VREF+
S
-
-
-
-
41
B5
A5
VDDA
S
-
-
-
-
-
C4
-
VSS
S
-
-
-
-
Table 19. STM32WLE5/E4xx pin definition (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More