| 전자부품 데이터시트 검색엔진 |
|
STM32WLE4JCY6TR 데이터시트(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCY6TR 데이터시트(HTML) 92 Page - STMicroelectronics |
|
92 / 145 page ![]() Electrical characteristics STM32WLE5/E4xx 92/145 DS13105 Rev 8 On-chip peripheral current consumption The current consumption of the on-chip peripherals is given in the table below. The device is placed under the following conditions: • All I/O pins are in analog mode. • The given value is calculated by measuring the difference of the current consumptions: – when the peripheral is clocked on – when the peripheral is clocked off • Ambient operating temperature and supply voltage conditions summarized in Table 21: Voltage characteristics. • The power consumption of the digital part of the on-chip peripherals is given in the table below. The power consumption of the analog part of the peripherals (where applicable) is indicated in each related section of the datasheet. Table 53. Peripheral current consumption Peripheral Range 1 Range 2 LPRun and LPSleep Unit AHB1 CRC1 0.42 0.38 1.00 µA/MHz DMA1 2.29 1.88 1.45 DMA2 2.50 1.94 1.50 DMAMUX1 3.96 3.38 2.50 All AHB1 peripherals 9.17 7.50 9.30 AHB2 GPIOA 0.01 0.12 0.20 µA/MHz GPIOB 0.01 0.12 0.15 GPIOC 0.01 0.12 0.15 GPIOH 0.01 0.06 0.10 All AHB2 peripherals 0.62 0.56 0.40 AHB3 AES1 2.50 2.13 1.80 µA/MHz FLASH 7.92 6.56 11.3 PKA 3.33 2.75 2.15 RNG1 1.04 N/A N/A RNG1 independent clock domain 0.62 N/A N/A SRAM1 0.62 0.38 0.55 SRAM2 0.42 0.37 0.50 All AHB3 peripherals(1) 16.0 13.4 16.0 APB1 DAC 0.83 0.69 0.50 µA/MHz I2C1 1.67 1.37 1.05 I2C1 independent clock domain 2.29 1.94 1.40 I2C2 1.67 1.37 1.05 I2C2 independent clock domain 2.50 2.00 1.60 I2C3 1.67 1.37 0.90 |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |