전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC-60-XS 데이터시트(PDF) 4 Page - Toppower Electronic Technology Limited

부품명 TPC-60-XS
상세설명  60W Wide input AC/DC switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPC-60-XS 데이터시트(HTML) 4 Page - Toppower Electronic Technology Limited

  TPC-60-XS Datasheet HTML 1Page - Toppower Electronic Technology Limited TPC-60-XS Datasheet HTML 2Page - Toppower Electronic Technology Limited TPC-60-XS Datasheet HTML 3Page - Toppower Electronic Technology Limited TPC-60-XS Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPC/PS-60-XS Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
Page4 / 4
DERATING CURVE
OUTPUT CHARACTERISTICS CURVE
MODEL SELECTION
S:Single ouput;D:Dual output
Delimiter
Type
Series
Brand
TOPPOWER
Delimiter
Output voltage
TP C / PS - 60 – 12 S
Rated output Power
Delimiter
TOPPOWER



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com