전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC-60-XS 데이터시트(PDF) 1 Page - Toppower Electronic Technology Limited

부품명 TPC-60-XS
상세설명  60W Wide input AC/DC switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPC-60-XS 데이터시트(HTML) 1 Page - Toppower Electronic Technology Limited

  TPC-60-XS Datasheet HTML 1Page - Toppower Electronic Technology Limited TPC-60-XS Datasheet HTML 2Page - Toppower Electronic Technology Limited TPC-60-XS Datasheet HTML 3Page - Toppower Electronic Technology Limited TPC-60-XS Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPC/PS-60-XS Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
Page1 / 4
DESCRIPTION:
The rated output power of TPC/PS-60-XS series is 60Winput voltage range:90-264VAC, output voltage :
5V,12V,15V,24V,27.5V,36V,48V,High reliability, precision,effificency , ultra-small size, no external heat sink
required, stable output voltage and etc, with short circuit, overload protection, Widely used in instrument,
telecommunications, industrial control, data acquisition, signal control , New Energy, Security,and other
electronic systems.
60W Wide input AC/DC switching power supply
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Conditions
Conditions
Parameter
Ripple and noise,Ta is ambient ,0<Ta≤60℃
5Voutput voltage
≤80mVp-p
12V output voltage
≤120mVp-p
15V, output voltage
≤150mVp-p
24V output voltage
≤240mVp-p
27.5V,36V,48V output voltage
≤300mVp-p
Ripple and noise,Ta is ambient ,-10<Ta≤0℃
5V output voltage
≤200mVp-p
12V output voltage
≤300mVp-p
15V24V output voltage
≤360mVp-p
27.5V,36V,48V output voltage
≤480mVp-p
Dynamic load characterstics, 0<Ta≤65℃
10%-100%Load:±10%p-p
10%-50%Load: ±5%p-p
50%-100%Load: ±5%p-p
Dynamic load characterstics, -10<Ta≤0℃
10%-100%Load:±10%p-p
10%-50%Load: ±7.5%p-p
50%-100%Load: ±7.5%p-p
Output adjustment range @25℃
5V output voltage
4.75~5.5V
12V output voltage
11.4~13.2V
15V output voltage
14.25~16.5V
24V output voltage
22.8~26.5V
27.5V output voltage
26.1~30.25V
36V output voltage
34~41V
48V output voltage
45.6~52.8V
Voltage regulation accuracy @-10~65℃
±2.0%
Line regulation @-10~65℃
±0.5%
Load regulation @-10~65℃
±1.0%
Temp. coefficient @-10~65℃
±0.03%/℃
FEATURES
AC input :90VAC-264VAC
short circuit, overload,over-voltage protection
Operating temperature:-10℃~65℃
RoHS complaint
High reliability,effificency,100% full load burn-in test
All using 105℃ long-life electrolytic capacitors
Free air cooling When 176~264Vac input 60W output or 90~175Vac 45W output ;
10.5CFM air cooling when 90~175Vac input 60W output
SELECTION GUIDE
Part Number
Input
Output
Efficiency
@25℃,
(Typ)%
Volatge(VAC)
Voltage
(VDC)
Pre-set voltage
@25℃(V)
Rated current
(A)
Current
range(A)
Rated
power(W)
Rated
Range
TPC/PS-60-5S
220
90-264
5.0
5.00-5.05
8
0-8
40
80
TPC/PS-60-12S
220
90-264
12.0
12.00-12.05
5
0-5.00
60
83
TPC/PS-60-15S
220
90-264
15.0
15.00-15.05
4
0-4.00
60
84
TPC/PS-60-24S
220
90-264
24
24.00-24.05
2.5
0-2.50
60
85
TPC/PS-60-27.5S
220
90-264
27.5
27.50-27.55
2.2
0-2.20
60.5
85
TPC/PS-60-36S
220
90-264
36.0
36.00-36.05
1.7
0-1.70
61.2
85
TPC/PS-60-48S
220
90-264
48.0
48.00-48.05
1.25
0-1.25
60
86
TOPPOWER


유사한 부품 번호 - TPC-60-XS

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
TPC-60 COOPER-TPC-60 Datasheet
361Kb / 7P
Telpower Compact Fused Disconnect Switch
logo
Toppower Electronic Tec...
TPC-600-12S TOPPOWER-TPC-600-12S Datasheet
641Kb / 4P
600W wide input AC/DC switching power supply
TPC-600-24S TOPPOWER-TPC-600-24S Datasheet
641Kb / 4P
600W wide input AC/DC switching power supply
TPC-600-48S TOPPOWER-TPC-600-48S Datasheet
641Kb / 4P
600W wide input AC/DC switching power supply
TPC-600-XS TOPPOWER-TPC-600-XS Datasheet
641Kb / 4P
600W wide input AC/DC switching power supply
More results

유사한 설명 - TPC-60-XS

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TPCPWF-100-XS TOPPOWER-TPCPWF-100-XS Datasheet
760Kb / 4P
100W Wide input AC/DC switching power supply
TPCPDF-800-XS TOPPOWER-TPCPDF-800-XS Datasheet
926Kb / 5P
792W wide input AC/DC switching power supply
TPCPDF-600-XS TOPPOWER-TPCPDF-600-XS Datasheet
858Kb / 4P
600W wide input AC/DC switching power supply
TPCLR-350-XS TOPPOWER-TPCLR-350-XS Datasheet
814Kb / 4P
350W Wide input AC/DC switching power supply
TPCLR-150-XS TOPPOWER-TPCLR-150-XS Datasheet
815Kb / 4P
150W Wide input AC/DC switching power supply
TPCPS-60-XS TOPPOWER-TPCPS-60-XS Datasheet
828Kb / 4P
60W Wide input AC/DC switching power supply
TPCNE-15-XS TOPPOWER-TPCNE-15-XS Datasheet
741Kb / 4P
15W Wide input AC/DC switching power supply
TPCGZM-60-T05D15 TOPPOWER-TPCGZM-60-T05D15 Datasheet
363Kb / 4P
60W Wide input Triple output AC/DC switching power supply
TPCPD-15-X TOPPOWER-TPCPD-15-X Datasheet
428Kb / 4P
15W Wide input AC/DC switching power supply
TPC-350-XS TOPPOWER-TPC-350-XS Datasheet
628Kb / 4P
350W Wide input AC/DC switching power supply
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com