전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC-60-XS 데이터시트(PDF) 2 Page - Toppower Electronic Technology Limited

부품명 TPC-60-XS
상세설명  60W Wide input AC/DC switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPC-60-XS 데이터시트(HTML) 2 Page - Toppower Electronic Technology Limited

  TPC-60-XS Datasheet HTML 1Page - Toppower Electronic Technology Limited TPC-60-XS Datasheet HTML 2Page - Toppower Electronic Technology Limited TPC-60-XS Datasheet HTML 3Page - Toppower Electronic Technology Limited TPC-60-XS Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPC/PS-60-XS Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
Page2 / 4
OUTPUT CHARACTERISTICS
Set-up time @25℃
≤2.0S@115Vac input
≤1.0S@(230Vac input, Full load)
Hold-up time @25℃
≥13mS@115Vac input
≥50mS@(230Vac input, Full load)
Overshoot&Undershoot
<5.0%
Capacitive load
5000uF @12V
INPUT CHARACTERISTICS
Conditions
Parameter
Input voltage range
90Vac~264Vac
Rated input voltage range
100Vac~240Vac
Frequency Range
47Hz~63Hz
Set-up voltage @-20~65℃
90Vac(refer to the derating curve)
Input current @25℃
<1.0 A
Inrush current @25℃
<23A@115 Vac input
<45A@230Vac input
PROTECTION @-20~65℃
Conditions
Parameter
Notes
Over-power(5Voutput)
31.5W~54W
Protection type: Hiccup model, auto recovery
Over-power(12Voutput)
37.8W~64.8W
Over-power(13.5Voutput)
36.86W-63.2W
Over-power(15Voutput)
37.8W~64.8W
Over-power(24Voutput)
37.9W~64.8W
Over-power(36Voutput)
37.8W~64.8W
Over-power(48Voutput)
37.4W~64.8W
Over-current(5Voutput)
6.3A~10.8A
Protection type:Constant voltage, auto recovery
Over-current(12Voutput)
3.15A~5.4A
Over-current(13.5Voutput)
2.73A~4.68A
Over-current(15Voutput)
2.52A~4.32A
Over-current(24Voutput)
1.58A~2.7A
Over-current(36Voutput)
1.05A~1.8A
Over-current(48Voutput)
0.78A~1.35A
Over-voltage(5Voutput)
5.75V~7.5V
Protection type: Hiccup model, auto recovery
Over-voltage(12Voutput)
13.8V~16.2V
Over-voltage(13.5Voutput)
15.5V~18.2V
Over-voltage(15Voutput)
17.25V~20.25V
Over-voltage(24Voutput)
27.6V~32.4V
Over-voltage(36Voutput)
41.4V~48.6V
Over-voltage(48Voutput)
55.2V~64.8V
Output short circuit protection
Long-term model , auto recovery
ENVIRONMENT CHARACTERISTICS
Conditions
Parameter
Operating amb. Temp.&Humi.
-20℃~65℃; 20%~90%RH No condensing
(refer to the derating curve)
Storage Temp. & Humi.
-30℃~85℃; 10%~95%RH
No condensing
Vibration
10 ~ 500Hz, 2G,10min./1cycle, period for60min. each along X,Y, Z axes
Pulse
20G/11mS pulse ,3 times at each X,Y,Z axes
Altitude
5000m
TOPPOWER



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com