전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM24C32 데이터시트(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM24C32
상세설명  32Kbit and 64Kbit Serial IC bus EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM24C32 데이터시트(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM24C32 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HM24C32/HM24C64
6
DETAILED OPERATING INFORMATION
I²C DATA BUS AND TRANSMISSION PROTOCOL
I²C-Bus Interface
The HM24CXX supports I²C-bus transmission protocol. The I²C-bus is a bidirectional, two-line
communication interface. The two lines are a serial data line (SDA) and a serial clock line (SCL).
Both lines must be connected to a positive supply via a pull-up resistor. A typical bus
configuration using this 2-wire protocol is show in Figure 4.
Figure 4. Typical 2-Wire Bus Configuration
A device that sends data onto the bus is defined as a transmitter and a device receiving data as
a receiver. The device that controls the message is called a master. The devices that are
controlled by the master are referred to as slaves. The master device generates the serial clock
(SCL), controls the bus access, and generates the START and STOP conditions. The
HM24CXX operates as a slave on the I²C-bus.
Data transfer may be initiated only when the bus is not busy (Both data and clock lines remain
HIGH). Each data transfer is initiated with a START condition and terminated with a STOP
condition. The number of data bytes transferred between START and STOP conditions is not
limited, and is determined by the master device. The information is transferred byte-wise and
each receiver acknowledges with a ninth bit.
Start and Stop Conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of
the data line, while the clock is HIGH is defined as the START condition(S). A LOW-to-HIGH
transition of the data line while the clock is HIGH is defined as the STOP condition (P), see
Figure 5.
Figure 5. Definition of Start and Stop Condition
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16