전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM24C32 데이터시트(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM24C32
상세설명  32Kbit and 64Kbit Serial IC bus EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM24C32 데이터시트(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM24C32 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM24C32 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HM24C32/HM24C64
7
Bit Transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse as changes in the data line at this time will be
interpreted as a control signal, as shown in Figure 6.
Figure 6. Bit Transfer
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledgement after the
reception of each byte. The master device must generate an extra clock pulse which is
associated with this acknowledge bit (see Figure 7).
Figure 7. Acknowledge on the I2C bus
The device that acknowledges must pull down the SDA line during the acknowledge clock pulse,
so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock
pulse (set-up and hold times must be taken into consideration). A master receiver must signal
an end of data to the transmitter by not generating an acknowledgement on the last byte that
has been clocked out of the slave. In this event the transmitter must leave the data line HIGH to
enable the master to generate a stop condition.
DEVICE ADDRESSING
The EEPROM devices all require an 8-bit device address word following a start condition to
enable the chip for a read or write operation (see to Figure 8).
The device address word consists of a mandatory "1", "0" sequence for the first four most
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com